Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V4L Datasheet(PDF) 4 Page - Saia-Burgess

Part # V4L
Description  Burgess switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAIA-BURGESS [Saia-Burgess]
Direct Link  
Logo SAIA-BURGESS - Saia-Burgess

V4L Datasheet(HTML) 4 Page - Saia-Burgess

  V4L Datasheet HTML 1Page - Saia-Burgess V4L Datasheet HTML 2Page - Saia-Burgess V4L Datasheet HTML 3Page - Saia-Burgess V4L Datasheet HTML 4Page - Saia-Burgess  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
38
Burgess switches
www.burgess-switch.com
burgess-switch@johnsonelectric.om
V4L
Basic type
V4L
Type of sealing
No symbol, unsealed
S
Sealed IP6K7
Terminals
No symbol, pre-wired 500 mm with cable FLRY 0.5 mm2 and cable box (V4LS only)
T7
Solder
2.95 T 0.5 T 3.55 long
Circuit
No symbol, change over
Actuators
No symbol, without lever
A1
Plain lever
20.0 mm, fitted at the end opposite to plunger
A2
Plain lever
30.0 mm, fitted at the end opposite to plunger
F
Special lever F type
20.0 mm, fitted at the end opposite to plunger
Contact Material
No symbol, Ag
X
Gold alloy on silver palladium crosspoint (AUX)
Other contact materials on special request
Approvals
No symbol, without approval
UL
UL and CSA approval
EN
ENEC approval only
UN
UL, CSA and ENEC approval
Special Features
/
□□□□
Burgess specialise in customer specific solutions.
Additional product variants are available or can be provided.
If your requirements cannot be satisfied from the options listed,
please contact us.
Ordering Reference
Example: V4L
S
T7
A1
X
UL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com