Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54AC00-SP Datasheet(PDF) 4 Page - Texas Instruments

Part # SN54AC00-SP
Description  SN54AC00-SP Radiation Hardened Quad 2 Input NAND Gate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54AC00-SP Datasheet(HTML) 4 Page - Texas Instruments

  SN54AC00-SP Datasheet HTML 1Page - Texas Instruments SN54AC00-SP Datasheet HTML 2Page - Texas Instruments SN54AC00-SP Datasheet HTML 3Page - Texas Instruments SN54AC00-SP Datasheet HTML 4Page - Texas Instruments SN54AC00-SP Datasheet HTML 5Page - Texas Instruments SN54AC00-SP Datasheet HTML 6Page - Texas Instruments SN54AC00-SP Datasheet HTML 7Page - Texas Instruments SN54AC00-SP Datasheet HTML 8Page - Texas Instruments SN54AC00-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
7
V
VI
Input voltage(2)
–0.5
VCC + 0.5
V
VO
Output voltage(2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0 or VI > VCC
±20
mA
IOK
Output clamp current
VO < 0 or VO > VCC
±20
mA
IO
Continuous output current
VO = 0 to VCC
±50
mA
Continuous current through VCC or GND
±200
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
6.2 Recommended Operating Conditions
MIN
MAX
UNIT
VCC
Supply voltage
2
6
V
VIH
High-level input voltage
VCC = 3 V
2.1
V
VCC = 4.5 V
3.15
VCC = 5.5 V
3.85
VIL
Low-level input voltage
VCC = 3 V
0.9
V
VCC = 4.5 V
1.35
VCC = 5.5 V
1.65
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
VCC = 3 V
12
mA
VCC = 4.5 V
24
VCC = 5.5 V
24
IOL
Low-level output current
VCC = 3 V
12
mA
VCC = 4.5 V
24
VCC = 5.5 V
24
Δt/Δv
Input transition rise or fall rate
8
ns/V
TA
Operating free-air temperature
–55
125
°C
SN54AC00-SP
SCHS367C – OCTOBER 2008 – REVISED APRIL 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: SN54AC00-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com