Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM560 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM560
Description  Ultralow Power 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM560 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM560 Datasheet HTML 4Page - Analog Devices ADM560 Datasheet HTML 5Page - Analog Devices ADM560 Datasheet HTML 6Page - Analog Devices ADM560 Datasheet HTML 7Page - Analog Devices ADM560 Datasheet HTML 8Page - Analog Devices ADM560 Datasheet HTML 9Page - Analog Devices ADM560 Datasheet HTML 10Page - Analog Devices ADM560 Datasheet HTML 11Page - Analog Devices ADM560 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADM560/ADM561
Rev. B | Page 10 of 12
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADM560JR
0°C to +70°C
28-Lead Standard Small Outline Package [SOIC_W]
RW-28
ADM560JR-REEL
0°C to +70°C
28-Lead Standard Small Outline Package [SOIC_W]
RW-28
ADM560JRZ1
0°C to +70°C
28-Lead Standard Small Outline Package [SOIC_W]
RW-28
ADM560JRZ-REEL1
0°C to +70°C
28-Lead Standard Small Outline Package [SOIC_W]
RW-28
ADM560JRS
0°C to +70°C
28-Lead Shrink Small Outline Package [SSOP]
RS-28
ADM560JRS-REEL
0°C to +70°C
28-Lead Shrink Small Outline Package [SSOP]
RS-28
ADM560JRSZ1
0°C to +70°C
28-Lead Shrink Small Outline Package [SSOP]
RS-28
ADM560JRSZ-REEL1
0°C to +70°C
28-Lead Shrink Small Outline Package [SSOP]
RS-28
ADM561JR
0°C to +70°C
28-Lead Standard Small Outline Package [SOIC_W]
RW-28
ADM561JR-REEL
0°C to +70°C
28-Lead Standard Small Outline Package [SOIC_W]
RW-28
ADM561JRZ1
0°C to +70°C
28-Lead Standard Small Outline Package [SOIC_W]
RW-28
ADM561JRZ-REEL1
0°C to +70°C
28-Lead Standard Small Outline Package [SOIC_W]
RW-28
ADM561JRS
0°C to +70°C
28-Lead Shrink Small Outline Package [SSOP]
RS-28
ADM561JRS-REEL
0°C to +70°C
28-Lead Shrink Small Outline Package [SSOP]
RS-28
ADM561JRSZ1
0°C to +70°C
28-Lead Shrink Small Outline Package [SSOP]
RS-28
ADM561JRSZ-REEL1
0°C to +70°C
28-Lead Shrink Small Outline Package [SSOP]
RS-28
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com