Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM53C94 Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # AM53C94
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C94 Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button AM53C94 Datasheet HTML 37Page - Advanced Micro Devices AM53C94 Datasheet HTML 38Page - Advanced Micro Devices AM53C94 Datasheet HTML 39Page - Advanced Micro Devices AM53C94 Datasheet HTML 40Page - Advanced Micro Devices AM53C94 Datasheet HTML 41Page - Advanced Micro Devices AM53C94 Datasheet HTML 42Page - Advanced Micro Devices AM53C94 Datasheet HTML 43Page - Advanced Micro Devices AM53C94 Datasheet HTML 44Page - Advanced Micro Devices AM53C94 Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
P R E L I M I N A R Y
AMD
41
Am53C94/Am53C96
DC OPERATING CHARACTERISTICS (continued)
Parameter
Symbol
Parameter Description
Pin Names
Test Conditions
Min
Max
Unit
VIH
Input High Voltage
A 3-0,
CS, RD. WR,
2.0
VCC + 0.5
V
DMAWR, CLK,
BUSMD 1-0,
DACK,
RESET, and
DFMODE
VIL
Input Low Voltage
A 3-0,
CS, RD. WR,VSS + 0.5
0.8
V
DMAWR, CLK,
BUSMD 1-0,
DACK,
RESET, and
DFMODE
IIL
Input Low Leakage
A 3-0,
CS, RD. WR,
–10
+10
µA
DMAWR, CLK,
BUSMD 1-0,
DACK,
RESET, and
DFMODE
IIH
Input High Voltage
A 3-0,
CS, RD. WR,
–10
+10
µA
DMAWR, CLK,
BUSMD 1-0,
DACK,
RESET, and
DFMODE
Input Pins
VIN = VIH
VIN = VIL
VT
IOL
IOH
CL
0 V
From Output
Under Test
16505C-34
SWITCHING TEST CIRCUIT
SWITCHING TEST WAVEFORMS
True Data Outputs AD 7–0, DMA 15–0, DMAP1–0
All Inputs
1.5 V
3.0 V
0.0 V
Hi-Z Outputs AD 7–0, DMA 15–0, DMAP1–0
0.8 V
All Open Drain Outputs
1.5 V
All Other Outputs
VOH
VOL
VOL +0.3 V
VOL
VOL
VOH
1.5 V
VOH –0.3 V
1.5 V
16505C-35
1.5 V
2.0 V
0.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com