Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL128SDPMFAQ Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # S25FL128SDPMFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPMFAQ Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button S25FL128SDPMFAQ Datasheet HTML 4Page - Cypress Semiconductor S25FL128SDPMFAQ Datasheet HTML 5Page - Cypress Semiconductor S25FL128SDPMFAQ Datasheet HTML 6Page - Cypress Semiconductor S25FL128SDPMFAQ Datasheet HTML 7Page - Cypress Semiconductor S25FL128SDPMFAQ Datasheet HTML 8Page - Cypress Semiconductor S25FL128SDPMFAQ Datasheet HTML 9Page - Cypress Semiconductor S25FL128SDPMFAQ Datasheet HTML 10Page - Cypress Semiconductor S25FL128SDPMFAQ Datasheet HTML 11Page - Cypress Semiconductor S25FL128SDPMFAQ Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 7 of 148
S25FL128S/S25FL256S
1.3
Glossary
1.4
Other Resources
1.4.1
Cypress Flash Memory Roadmap
www.cypress.com/product-roadmaps/cypress-flash-memory-roadmap
1.4.2
Links to Software
www.cypress.com/software-and-drivers-cypress-flash-memory
1.4.3
Links to Application Notes
www.cypress.com/appnotes
Command
All information transferred between the host system and memory during one period while CS# is low. This includes the instruction
(sometimes called an operation code or opcode) and any required address, mode bits, latency cycles, or data.
DDP
(Dual Die Package)
Two die stacked within the same package to increase the memory capacity of a single package. Often also referred to as a Multi-Chip
Package (MCP)
DDR
(Double Data Rate)
When input and output are latched on every edge of SCK.
ECC
ECC Unit = 16 byte aligned and length data groups in the main Flash array and OTP array, each of which has its own hidden ECC
syndrome to enable error correction on each group.
Flash
The name for a type of Electrical Erase Programmable Read Only Memory (EEPROM) that erases large blocks of memory bits in
parallel, making the erase operation much faster than early EEPROM.
High
A signal voltage level ≥ VIH or a logic level representing a binary one (1).
Instruction
The 8 bit code indicating the function to be performed by a command (sometimes called an operation code or opcode). The instruction
is always the first 8 bits transferred from host system to the memory in any command.
Low
A signal voltage level
 VIL or a logic level representing a binary zero (0).
LSB
(Least Significant Bit)
Generally the right most bit, with the lowest order of magnitude value, within a group of bits of a register or data value.
MSB
(Most Significant Bit)
Generally the left most bit, with the highest order of magnitude value, within a group of bits of a register or data value.
Non-Volatile
No power is needed to maintain data stored in the memory.
OPN
(Ordering Part Number)
The alphanumeric string specifying the memory device type, density, package, factory non-volatile configuration, etc. used to select the
desired device.
Page
512 bytes or 256 bytes aligned and length group of data. The size assigned for a page depends on the Ordering Part Number.
PCB
Printed Circuit Board
PPAP
Production Part Approval Process
Register Bit References
Are in the format: Register_name[bit_number] or Register_name[bit_range_MSB: bit_range_LSB]
SDR
(Single Data Rate)
When input is latched on the rising edge and output on the falling edge of SCK.
Sector
Erase unit size; depending on device model and sector location this may be 4 kbytes, 64 kbytes or 256 kbytes.
Write
An operation that changes data within volatile or non-volatile registers bits or non-volatile flash memory. When changing non-volatile
data, an erase and reprogramming of any unchanged non-volatile data is done, as part of the operation, such that the non-volatile data
is modified by the write operation, in the same way that volatile data is modified – as a single operation. The non-volatile data appears
to the host system to be updated by the single write command, without the need for separate commands for erase and reprogram of
adjacent, but unaffected data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com