Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL256SDPMFAQ Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # S25FL256SDPMFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPMFAQ Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button S25FL256SDPMFAQ Datasheet HTML 35Page - Cypress Semiconductor S25FL256SDPMFAQ Datasheet HTML 36Page - Cypress Semiconductor S25FL256SDPMFAQ Datasheet HTML 37Page - Cypress Semiconductor S25FL256SDPMFAQ Datasheet HTML 38Page - Cypress Semiconductor S25FL256SDPMFAQ Datasheet HTML 39Page - Cypress Semiconductor S25FL256SDPMFAQ Datasheet HTML 40Page - Cypress Semiconductor S25FL256SDPMFAQ Datasheet HTML 41Page - Cypress Semiconductor S25FL256SDPMFAQ Datasheet HTML 42Page - Cypress Semiconductor S25FL256SDPMFAQ Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 38 of 148
S25FL128S/S25FL256S
6.1.2
SOIC 16 Physical Diagram
S03016 — 16-Lead Wide Plastic Small Outline Package (300-mil Body Width)
SHEET
OF
REV
SPEC NO.
THIS DRAWING CONTAINS INFORMATION WHICH IS THE PROPRIETARY PROPERTY OF CYPRESS
SEMICONDUCTOR CORPORATION. THIS DRAWING IS RECEIVED IN CONFIDENCE AND ITS CONTENTS
MAY NOT BE DISCLOSED WITHOUT WRITTEN CONSENT OF CYPRESS SEMICONDUCTOR CORPORATION.
CYPRESS
TITLE
SCALE :
Company Confidential
PACKAGE
CODE(S)
DRAWN BY
APPROVED BY
DATE
DATE
0.33 C
0.25 M
D
CA-B
0.20 C A-B
0.10 C
0.10 C
0.10 C D
2X
2. DIMENSIONING AND TOLERANCING PER ASME Y14.5M - 1994.
3. DIMENSION D DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
END. DIMENSION E1 DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION.
INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 mm PER SIDE.
1. ALL DIMENSIONS ARE IN MILLIMETERS.
NOTES:
D AND E1 DIMENSIONS ARE DETERMINED AT DATUM H.
FLASH, BUT INCLUSIVE OF ANY MISMATCH BETWEEN THE TOP AND BOTTOM OF
EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS, GATE BURRS AND INTERLEAD
4. THE PACKAGE TOP MAY BE SMALLER THAN THE PACKAGE BOTTOM. DIMENSIONS
5. DATUMS A AND B TO BE DETERMINED AT DATUM H.
6. "N" IS THE MAXIMUM NUMBER OF TERMINAL POSITIONS FOR THE SPECIFIED
7. THE DIMENSIONS APPLY TO THE FLAT SECTION OF THE LEAD BETWEEN 0.10 TO
MAXIMUM MATERIAL CONDITION. THE DAMBAR CANNOT BE LOCATED ON THE
8. DIMENSION "b" DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR
LOWER RADIUS OF THE LEAD FOOT.
IDENTIFIER MUST BE LOCATED WITHIN THE INDEX AREA INDICATED.
9. THIS CHAMFER FEATURE IS OPTIONAL. IF IT IS NOT PRESENT, THEN A PIN 1
10. LEAD COPLANARITY SHALL BE WITHIN 0.10 mm AS MEASURED FROM THE
h
0
D
L2
N
e
A1
b
c
E
E1
A
0.75
10.30 BSC
1.27 BSC
0.30
10.30 BSC
0.33
0°
0.25
16
0.20
7.50 BSC
0.10
0.31
8°
0.51
2.65
2.35
A2
2.05
2.55
b1
0.27
0.48
0.30
0.20
c1
L1
0.40
L
1.27
1.40 REF
0.25 BSC
0
5°
15°
0
0°
1
2
-
DIMENSIONS
SYMBOL
MIN.
NOM.
MAX.
-
-
-
-
-
-
-
-
-
-
-
-
MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.15 mm PER
D AND E1 ARE DETERMINED AT THE OUTMOST EXTREMES OF THE PLASTIC BODY
0.25 mm FROM THE LEAD TIP.
PROTRUSION SHALL BE 0.10 mm TOTAL IN EXCESS OF THE "b" DIMENSION AT
THE PLASTIC BODY.
PACKAGE LENGTH.
SEATING PLANE.
SO3016
KOTA
BESY
24-OCT-16
24-OCT-16
*A
002-15547
PACKAGE OUTLINE, 16 LEAD SOIC
12
TO FIT
10.30X7.50X2.65 MM SO3016/SL3016/SS3016
SL3016 SS3016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com