Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL128SDSMFAQ Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # S25FL128SDSMFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDSMFAQ Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button S25FL128SDSMFAQ Datasheet HTML 45Page - Cypress Semiconductor S25FL128SDSMFAQ Datasheet HTML 46Page - Cypress Semiconductor S25FL128SDSMFAQ Datasheet HTML 47Page - Cypress Semiconductor S25FL128SDSMFAQ Datasheet HTML 48Page - Cypress Semiconductor S25FL128SDSMFAQ Datasheet HTML 49Page - Cypress Semiconductor S25FL128SDSMFAQ Datasheet HTML 50Page - Cypress Semiconductor S25FL128SDSMFAQ Datasheet HTML 51Page - Cypress Semiconductor S25FL128SDSMFAQ Datasheet HTML 52Page - Cypress Semiconductor S25FL128SDSMFAQ Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 48 of 148
S25FL128S/S25FL256S
7.5
Registers
Registers are small groups of memory cells used to configure how the S25FL-S memory device operates or to report the status of
device operations. The registers are accessed by specific commands. The commands (and hexadecimal instruction codes) used for
each register are noted in each register description. The individual register bits may be volatile, non-volatile, or One Time
Programmable (OTP). The type for each bit is noted in each register description. The default state shown for each bit refers to the
state after power-on reset, hardware reset, or software reset if the bit is volatile. If the bit is non-volatile or OTP, the default state is
the value of the bit when the device is shipped from Cypress. Non-volatile bits have the same cycling (erase and program)
endurance as the main flash array.
7.5.1
Status Register 1 (SR1)
Related Commands: Read Status Register (RDSR1 05h), Write Registers (WRR 01h), Write Enable (WREN 06h), Write Disable
(WRDI 04h), Clear Status Register (CLSR 30h).
Table 23. Register Descriptions
Register
Abbreviation
Type
Bit Location
Status Register 1
SR1[7:0]
Volatile
7:0
Configuration Register 1
CR1[7:0]
Volatile
7:0
Status Register 2
SR2[7:0]
RFU
7:0
AutoBoot Register
ABRD[31:0]
Non-volatile
31:0
Bank Address Register
BRAC[7:0]
Volatile
7:0
ECC Status Register
ECCSR[7:0]
Volatile
7:0
ASP Register
ASPR[15:1]
OTP
15:1
ASP Register
ASPR[0]
RFU
0
Password Register
PASS[63:0]
Non-volatile OTP
63:0
PPB Lock Register
PPBL[7:1]
Volatile
7:1
PPB Lock Register
PPBL[0]
Volatile
Read Only
0
PPB Access Register
PPBAR[7:0]
Non-volatile
7:0
DYB Access Register
DYBAR[7:0]
Volatile
7:0
SPI DDR Data Learning Registers
NVDLR[7:0]
Non-volatile
7:0
SPI DDR Data Learning Registers
VDLR[7:0]
Volatile
7:0
Table 24. Status Register 1 (SR1)
Bits
Field
Name
Function
Type
Default State
Description
7
SRWD
Status Regis-
ter Write Dis-
able
Non-Volatile
0
1 = Locks state of SRWD, BP, and configuration
register bits when WP# is low by ignoring WRR
command
0 = No protection, even when WP# is low
6
P_ERR
Programming
Error Occurred Volatile, Read only
0
1 = Error occurred.
0 = No Error
5
E_ERR
Erase Error
Occurred
Volatile, Read only
0
1 = Error occurred
0 = No Error
4
BP2
Block Protec-
tion
Volatile if CR1[3]=1,
Non-Volatile if
CR1[3]=0
1 if CR1[3]=1,
0 when
shipped from
Cypress
Protects selected range of sectors (Block) from
Program or Erase
3
BP1
2
BP0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com