Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS1 Datasheet(PDF) 15 Page - Metcal

Part # WS1
Description  Soldering Tools and Equipment for Electronics Assembly
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

WS1 Datasheet(HTML) 15 Page - Metcal

Back Button WS1 Datasheet HTML 11Page - Metcal WS1 Datasheet HTML 12Page - Metcal WS1 Datasheet HTML 13Page - Metcal WS1 Datasheet HTML 14Page - Metcal WS1 Datasheet HTML 15Page - Metcal WS1 Datasheet HTML 16Page - Metcal WS1 Datasheet HTML 17Page - Metcal WS1 Datasheet HTML 18Page - Metcal WS1 Datasheet HTML 19Page - Metcal Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
01
12
Perfect for Lead-Free Hand Soldering
Themostimportanttechnicalchallengeoflead-freehand
solderingisbeingabletosolderheatsensitive
componentsat215-220ºC,withoutcausingdamage.
Thisrequiresasolderingironthatcanrespondtothe
thermalenergydemandsoftheapplicationand
deliverthecorrectamountofenergytothejoint
withoutovershootthatcancausedamage.
OKInternationalʼsPS-800ESolderingSystemis
perfectforlead-freesoldering.SmartHeat®
Technologyallowsthehigherthermal
performancerequirementsoflead-freealloysto
bemetwithoutincreasingthetiptemperature.
Thus,theriskofthermaldamageiseliminated.
ThePS-800ESolderingSystemallowsoperatorstoproduce
highqualityproductquickly,easilyandsafely.Itisareliable,
hassle-freeproductiontoolthatcanbeusedotsolderlead-free
PCBsimmediatelywithoutneedingtobecontinuallyre-calibratedto
meethighertemperaturerequirementsliketraditionaltechnologies.
PS-800E High Power Soldering System
Part No.
Description
PS-800E
PS-800EHighPowerSolderingSystem
Includes
PS-PW1
PowerSupply
WS2
AutosleepWorkstandwithSpongeandBrass
CleaningPad
PS-HC2
PS-800ESolderingHandlewithPS-CA2
HighPowerCoilAssemblyforSFVtips
PS-800 Soldering System
sameasabovebut
suppiedwithPS-HC1SolderingHandlewithPS-CA1CoilAssembly
forPHTTips
Specifications
Power Supply
AmbientOperatingTemperature
10-40ºC
MaximumEnclosureTemperature 65ºC
InputLineVoltage
90-240VAC
InputLineFrequency
50/60Hz
PowerConsumption
50Wattsmax.
OutputPower
35Wattsmax.at
22ºCambienttemperature
OutputFrequency
470KHz
PowerCord(3-wire)
183cm(72")
Dimensions(WxDxH)
70mmx161mmx100mm
(2.76"x6.34"x3.94")
Now comes with NEW
Auto Sleep Workstand
for improved tip life.
See accessories and
Lead-Free upgrades on
page 27.
PS-800E uses SFV tips, see pages 19-20
PS-800 uses PHT tips, see pages 20-21
PS-CA2CoilAssemblyandSFVtip(PS-800E)
PS-CA1CoilAssemblyandPHTtip(PS-800)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com