Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL032A Datasheet(PDF) 25 Page - SPANSION

Part # S29GL032A
Description  64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032A Datasheet(HTML) 25 Page - SPANSION

Back Button S29GL032A_07 Datasheet HTML 21Page - SPANSION S29GL032A_07 Datasheet HTML 22Page - SPANSION S29GL032A_07 Datasheet HTML 23Page - SPANSION S29GL032A_07 Datasheet HTML 24Page - SPANSION S29GL032A_07 Datasheet HTML 25Page - SPANSION S29GL032A_07 Datasheet HTML 26Page - SPANSION S29GL032A_07 Datasheet HTML 27Page - SPANSION S29GL032A_07 Datasheet HTML 28Page - SPANSION S29GL032A_07 Datasheet HTML 29Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 95 page
background image
September 10, 2007 S29GL-A_00_A11
S29GL-A
25
Data
She e t
7.6
RESET#: Hardware Reset Pin
The RESET# pin provides a hardware method of resetting the device to reading array data. When the
RESET# pin is driven low for at least a period of tRP, the device immediately terminates any operation in
progress, tristates all output pins, and ignores all read/write commands for the duration of the RESET# pulse.
The device also resets the internal state machine to reading array data. The operation that was interrupted
should be reinitiated once the device is ready to accept another command sequence, to ensure data integrity.
Current is reduced for the duration of the RESET# pulse. When RESET# is held at VSS±0.3 V, the device
draws CMOS standby current (ICC5). If RESET# is held at VIL but not within VSS±0.3 V, the standby current is
greater.
The RESET# pin may be tied to the system reset circuitry. A system reset would thus also reset the Flash
memory, enabling the system to read the boot-up firmware from the Flash memory.
Refer to the tables in AC Characteristics on page 72 for RESET# parameters and to Figure 16.4 on page 75
for the timing diagram.
7.7
Output Disable Mode
When the OE# input is at VIH, output from the device is disabled. The output pins are placed in the high
impedance state.
Table 7.2 S29GL016A (Model R1, W1) Top Boot Sector Addresses
Sector
A19–A12
Sector
Size
(KB/
Kwords)
8-bit Address
Range
16-bit Address
Range
Sector
A19–A12
Sector
Size
(KB/
Kwords)
8-bit Address
Range
16-bit Address
Range
SA0
000000xxx
64/32
000000h–00FFFFh
00000h–07FFFh
SA20
010100xxx
64/32
140000h–14FFFFh
A0000h–A7FFFh
SA1
000001xxx
64/32
010000h–01FFFFh
08000h–0FFFFh
SA21
010101xxx
64/32
150000h–15FFFFh
A8000h–AFFFFh
SA2
000010xxx
64/32
020000h–02FFFFh
10000h–17FFFh
SA22
010110xxx
64/32
160000h–16FFFFh
B0000h–B7FFFh
SA3
000011xxx
64/32
030000h–03FFFFh
18000h–1FFFFh
SA23
010111xxx
64/32
170000h–17FFFFh
B8000h–BFFFFh
SA4
000100xxx
64/32
040000h–04FFFFh
20000h–27FFFh
SA24
011000xxx
64/32
180000h–18FFFFh
C0000h–C7FFFh
SA5
000101xxx
64/32
050000h–05FFFFh
28000h–2FFFFh
SA25
011001xxx
64/32
190000h–19FFFFh
C8000h–CFFFFh
SA6
000110xxx
64/32
060000h–06FFFFh
30000h–37FFFh
SA26
011010xxx
64/32
1A0000h–1AFFFFh
D0000h–D7FFFh
SA7
000111xxx
64/32
070000h–07FFFFh
38000h–3FFFFh
SA27
011011xxx
64/32
1B0000h–1BFFFFh
D8000h–DFFFFh
SA8
001000xxx
64/32
080000h–08FFFFh
40000h–47FFFh
SA28
011000xxx
64/32
1C0000h–1CFFFFh
E0000h–E7FFFh
SA9
001001xxx
64/32
090000h–09FFFFh
48000h–4FFFFh
SA29
011101xxx
64/32
1D0000h–1DFFFFh
E8000h–EFFFFh
SA10
001010xxx
64/32
0A0000h–0AFFFFh
50000h–57FFFh
SA30
011110xxx
64/32
1E0000h–1EFFFFh
F0000h–F7FFFh
SA11
001011xxx
64/32
0B0000h–0BFFFFh
58000h–5FFFFh
SA31
111111000
8/4
1F0000h–1F1FFFh
0F8000h–0F8FFFh
SA12
001100xxx
64/32
0C0000h–0CFFFFh
60000h–67FFFh
SA32
111111001
8/4
1F2000h–1F3FFFh
0F9000h–0F9FFFh
SA13
001101xxx
64/32
0D0000h–0DFFFFh
68000h–6FFFFh
SA33
111111010
8/4
1F4000h–1F5FFFh
0FA000h–0FAFFFh
SA14
001101xxx
64/32
0E0000h–0EFFFFh
70000h–77FFFh
SA34
111111011
8/4
1F6000h–1F7FFFh
0FB000h–0FBFFFh
SA15
001111xxx
64/32
0F0000h–0FFFFFh
78000h–7FFFFh
SA35
111111100
8/4
1F8000h–1F9FFFh
0FC000h–0FCFFFh
SA16
010000xxx
64/32
100000h–00FFFFh
80000h–87FFFh
SA36
111111101
8/4
1FA000h–1FBFFFh
0FD000h–0FDFFFh
SA17
010001xxx
64/32
110000h–11FFFFh
88000h–8FFFFh
SA37
111111110
8/4
1FC000h–1FDFFFh
0FE000h–0FEFFFh
SA18
010010xxx
64/32
120000h–12FFFFh
90000h–97FFFh
SA38
111111111
8/4
1FE000h–1FFFFFh
0FF000h–0FFFFFh
SA19
010011xxx
64/32
130000h–13FFFFh
98000h–9FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com