Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD1A331MCL6GS Datasheet(PDF) 1 Page - Nichicon corporation

Part # UCD1A331MCL6GS
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCD1A331MCL6GS Datasheet(HTML) 1 Page - Nichicon corporation

  UCD1A331MCL6GS Datasheet HTML 1Page - Nichicon corporation UCD1A331MCL6GS Datasheet HTML 2Page - Nichicon corporation UCD1A331MCL6GS Datasheet HTML 3Page - Nichicon corporation UCD1A331MCL6GS Datasheet HTML 4Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
Dimension table in next page.
※ I : Leakage Current (μA), C : Rated Capacitance (μF), V : Rated Voltage (V)
50Hz
0.35
120Hz
0.50
300Hz
0.64
1kHz
0.83
10kHz or more
1.00
Frequency
Coefficient
Frequency coefficient of rated ripple current
U
Item
Performance Characteristics
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Endurance
Shelf Life
Resistance to soldering
heat
Marking
Stability at Low Temperature
– 55 to +105°C
6.3 to 100V
1 to 3300
µF
±20% at 120Hz, 20°C
After 2 minutes' application of rated voltage at 20°C, leakage current is not more than 0.01 CV or 3 (
µA), whichever is greater.
After storing the capacitors under no load at 105°C for 1000 hours and then performing voltage treatment based on JIS C 5101-4 clause 4.1 at
20°C, they shall meet the specified values for the endurance characteristics listed above.
The capacitors are kept on a hot plate for 30 seconds, which is
maintained at 250°C. The capacitors shall meet the characteristic
requirements listed at right when they are removed from the
plate and restored to 20°C.
6.3
2
3
4
Z(—25°C) / Z(+20°C)
Z(—40°C) / Z(+20°C)
Z(—55°C) / Z(+20°C)
Measurement
frequency :120Hz
Measurement
frequency:120Hz at 20°C
For capacitance of more than 1000
µF, add 0.02 for every increase of 1000µF. (φ12.5 to φ18)
Black print on the case top.
Capacitance Change
tan δ
Leakage current
Within ± 10% of the initial capacitance value
Less than or equal to the initial specified value
Less than or equal to the initial specified value
Rated voltage (V)
tan δ (max.)
Rated voltage (V)
Impedance ratio
(max.)
10
2
3
4
16
2
3
4
25
2
3
3
35
2
3
3
50
2
3
3
63
2
3
3
80
2
3
3
100
2
3
3
6.3
0.26
10
0.19
16
0.16
25
0.14
35
0.12
50
0.10
63
0.08
80
0.08
100
0.07
Tangent of loss angle (tan δ)
The specifications listed below shall be met when
the capacitors are restored to 20°C after the rated
voltage is applied at 105°C for the conditions
listed at right.
U
U
U
6.3
∼ 50V
63
∼100V
∼7.7L
2000hrs.
2000hrs.
13.5L
∼
5000hrs.
5000hrs.
φ10×13.5L
5000hrs.
—
10L
5000hrs.
2000hrs.
Rated Voltage
Size ( mm )
Capacitance Change
tan δ
Leakage current
Within ± 30% of the initial capacitance value
200% or less than the initial specified value
300% or less than the initial specified value for 63V or more
Less than or equal to the initial specified value
Specifications
Configuration
Standard
Code
CS(φ6.3(7.7L))
NS(φ8(10L)
・φ10(10L)・
φ12.5 or more)
CL(φ6.3 or less
・
φ8(6.2L)
・φ10(7.7L))
NL(φ8(10L)
・
φ10(10L,13.5L)
・
NJ
(φ12.5 or more)
Configuration
Vibration
Resistance
H
0.3 max.
C±0.2
L±0.5
Lot No.
Capacitance
Plastic platform
Series
Trade mark
Voltage ( E : 25V )
Negative
Positive
Pressure
relief vent
2
2 : Except : φ10 × 7.7L
0.3 max.
C±0.2
H
L±0.3
Series
Capacitance
Lot No.
Plastic platform
Voltage ( j : 6.3V )
Negative
Positive
Trade mark
1
1: Size φ8 × 6.2 only
Trade mark
Voltage
Series
Capacitance
Lot No.
L±1.0
C±0.2
H
Plastic platform
Pressure
relief vent
0.3 max.
Positive
Negative
V
Code
6.3
j
10
A
16
C
25
E
35
V
50
H
63
J
80
K
100
2A
U
1
C
2
D
3
1
4
C
5
1
6
0
7
1
8
M
9
C
10
L
11
1
12
G
13
S
14
Configuration
Size code
Taping
code
Capacitance tolerance (±20%)
Rated capacitance (100
µF)
Rated voltage (16V)
Series name
Type
φ4 to 10
φ12.5 to 18
GS
MS
Code
Size
Type numbering system (Example : 16V 100
µF)
(φ4 to φ8 × 6.2)
(φ8 × 10, φ10)
(φ12.5 to φ18)
Voltage
A
B
C
E
L
H
4 × 5.8
1.8
4.3
4.3
1.0
5.8
0.5 to 0.8
5 × 5.8
2.1
5.3
5.3
1.3
5.8
0.5 to 0.8
6.3 × 5.8
2.4
6.6
6.6
2.2
5.8
0.5 to 0.8
6.3 × 7.7
2.4
6.6
6.6
2.2
7.7
0.5 to 0.8
8 × 6.2
3.3
8.3
8.3
2.3
6.2
0.5 to 0.8
8 × 10
2.9
8.3
8.3
3.1
10
0.8 to 1.1
10 × 7.7
3.2
10.3
10.3
4.5
7.7
0.8 to 1.1
10 × 10
3.2
10.3
10.3
4.5
10
0.8 to 1.1
10 × 13.5
3.2
10.3
10.3
4.5
13.5
0.8 to 1.1
φD×L
12.5×13.5
5.15
13.6
13.6
(3.3)
13.5
1.0 to 1.4
16 × 16.5
5.65
17.1
17.1
(5.8)
16.5
1.0 to 1.4
18 × 16.5
6.65
19.1
19.1
(5.8)
16.5
1.0 to 1.4
8×10 10×10
6.3×7.7
φ
12.5
φ
16
φ
18
A
B
C
E
2.9
8.3
8.3
3.1
3.2
10.3
10.3
4.5
L
10
10
H
1.1 to 1.5
2.4
6.6
6.6
2.2
7.7
0.5 to 0.8
1.1 to 1.5
4.8
13.6
13.6
(4.0)
13.5
1.0 to 1.4
5.4
17.1
17.1
(6.3)
6.4
19.1
19.1
(6.3)
16.5
1.0 to 1.4
16.5
1.0 to 1.4
φD×L
(φ6.3 )【Vibration Resistance】
(φ 8 , φ10)
【Vibration Resistance】
(φ12.5 to φ18) 【Vibration Resistance】
(mm)
Standard
Vibration Resistance
(mm)
Positive
Negative
Capacitance
Series
Voltage (V:35V)
H
0.3 max.
C±0.2
L
±1.0
Positive
Negative
H
C±0.2
Plastic platform
Pressure relief vent
0.3 max
L±1.0
Aid electrode
Trade mark
Voltage
Series
Capacitance
Lot No.
Pressure relief vent
Lot No.
Lot No.
Capacitance
Series
Trade mark
Voltage (V : 35V )
H
Plastic platform
Negative
0.3 max.
C±0.2
L±1.0
Positive
Plastic platform
※ φ6.3 × 5.8L or less, φ8×6.2L, φ10×7.7L, φ10×13.5L :
 The vibration structure-resistant product can't support.
CAT.8100N


Similar Part No. - UCD1A331MCL6GS

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UCD1A331MCL NICHICON-UCD1A331MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UCD1A331MCL6GS

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com