Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FETA3000BA Datasheet(PDF) 11 Page - COSEL CO., LTD.

Part # FETA3000BA
Description  FETA-series
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

FETA3000BA Datasheet(HTML) 11 Page - COSEL CO., LTD.

Back Button FETA3000BA Datasheet HTML 7Page - COSEL CO., LTD. FETA3000BA Datasheet HTML 8Page - COSEL CO., LTD. FETA3000BA Datasheet HTML 9Page - COSEL CO., LTD. FETA3000BA Datasheet HTML 10Page - COSEL CO., LTD. FETA3000BA Datasheet HTML 11Page - COSEL CO., LTD. FETA3000BA Datasheet HTML 12Page - COSEL CO., LTD. FETA3000BA Datasheet HTML 13Page - COSEL CO., LTD. FETA3000BA Datasheet HTML 14Page - COSEL CO., LTD. FETA3000BA Datasheet HTML 15Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
FETA-11
AIR FLOW
6-M4
Mounting Hole
244.5±0.5
444.5±0.5
475
12.5
[9.63]
[17.50]
[18.70]
[0.49]
6-M3
Mounting Hole
-V
+V
Name plate
LED(Alarm) Amber
LED(DC OK) Green
Output voltage
adjustable potentiometer
CN1
CN2
FG
R
S
T
11±0.5
11±0.5
24.6
11±0.5
11±0.5
24.6
[0.97]
[0.43]
[0.43]
[0.43]
[0.43]
[0.97]
2-M3
Mounting Hole
14-M4
Mounting Hole
17
11
161±0.5
132.5±0.5
132.5±0.5
161±0.5
28±0.5 26
25
21max
[0.67]
[0.43]
[0.83]
[6.34]
[6.34]
[5.22]
[5.22]
[1.10]
[0.98]
[1.02]
External view
* Tolerance ±1 [±0.04]
* Weight : 11kg max
* PCB material / thickness : FR-4 / 1.6mm [0.06]
* Chassis material : Stainless steel
* Dimensions in mm, [ ]=inches
* Screw tightening torque : M3 Mounting Hole 0.6N-m max
M4 Mounting Hole 1.2N-m max
M5 Input terminal 3.0N-m max
* Please connect safety ground to FG terminal on the unit.
FETA7000T
July 13, 2023
www.cosel.co.jp/en/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com