Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD1K331M Datasheet(PDF) 4 Page - Nichicon corporation

Part # UCD1K331M
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCD1K331M Datasheet(HTML) 4 Page - Nichicon corporation

  UCD1K331M Datasheet HTML 1Page - Nichicon corporation UCD1K331M Datasheet HTML 2Page - Nichicon corporation UCD1K331M Datasheet HTML 3Page - Nichicon corporation UCD1K331M Datasheet HTML 4Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
UCD
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
(20℃/100kHz)
Rated Ripple
(mArms)
(105℃/100kHz)
Part Number
(
at 20℃ after
2 minutes
)
50
(1H)
4.7
4×5.8
0.10
3
2.70
60
UCD1H4R7MCL1GS
10
5×5.8
0.10
5
1.50
90
UCD1H100MCL6GS
10
6.3×5.8
0.10
5
0.86
170
UCD1H100MCL1GS
22
6.3×5.8
0.10
11
0.86
170
UCD1H220MCL1GS
33
6.3×7.7
0.10
16.5
0.66
195
UCD1H330M□□1GS
33
8×6.2
0.10
16.5
0.63
200
UCD1H330MCL6GS
47
6.3×7.7
0.10
23.5
0.66
195
UCD1H470M□□1GS
47
8×6.2
0.10
23.5
0.63
200
UCD1H470MCL6GS
100
8×10
0.10
50
0.32
350
UCD1H101M□□1GS
100
10×7.7
0.10
50
0.36
330
UCD1H101MCL6GS
150
10×10
0.10
75
0.16
700
UCD1H151M□□1GS
220
10×10
0.10
110
0.16
700
UCD1H221M□□1GS
330
10×13.5
0.10
165
0.14
800
UCD1H331MNL6GS
330
12.5×13.5
0.10
165
0.12
900
UCD1H331M□□1MS
390
12.5×13.5
0.10
195
0.12
900
UCD1H391M□□1MS
470
16×16.5
0.10
235
0.073
1610
UCD1H471M□□1MS
680
16×16.5
0.10
340
0.073
1610
UCD1H681M□□1MS
63
(1J)
4.7
5×5.8
0.08
3
3.00
50
UCD1J4R7MCL1GS
10
6.3×5.8
0.08
6.3
1.50
80
UCD1J100MCL1GS
22
6.3×7.7
0.08
13.86
1.20
120
UCD1J220M□□1GS
22
8×6.2
0.08
13.86
1.20
120
UCD1J220MCL6GS
33
8×10
0.08
20.79
0.65
250
UCD1J330M□□1GS
47
8×10
0.08
29.61
0.65
250
UCD1J470M□□1GS
68
10×10
0.08
42.84
0.35
400
UCD1J680M□□1GS
100
10×10
0.08
63
0.35
400
UCD1J101M□□1GS
150
12.5×13.5
0.08
94.5
0.16
800
UCD1J151M□□1MS
220
12.5×13.5
0.08
138.6
0.16
800
UCD1J221M□□1MS
470
16×16.5
0.08
296.1
0.082
1410
UCD1J471M□□1MS
680
18×16.5
0.08
428.4
0.080
1690
UCD1J681M□□1MS
80
(1K)
3.3
5×5.8
0.08
3
5.00
25
UCD1K3R3MCL1GS
4.7
6.3×5.8
0.08
3.76
3.00
40
UCD1K4R7MCL1GS
10
6.3×7.7
0.08
8
2.40
60
UCD1K100M□□1GS
10
8×6.2
0.08
8
2.40
60
UCD1K100MCL6GS
22
8×10
0.08
17.6
1.30
130
UCD1K220M□□1GS
33
8×10
0.08
26.4
1.30
130
UCD1K330M□□1GS
47
10×10
0.08
37.6
0.70
200
UCD1K470M□□1GS
68
12.5×13.5
0.08
54.4
0.32
500
UCD1K680M□□1MS
100
12.5×13.5
0.08
80
0.32
500
UCD1K101M□□1MS
150
12.5×13.5
0.08
120
0.32
500
UCD1K151M□□1MS
330
16×16.5
0.08
264
0.17
793
UCD1K331M□□1MS
470
18×16.5
0.08
376
0.15
917
UCD1K471M□□1MS
100
(2A)
22
8×10
0.07
22
1.30
130
UCD2A220M□□1GS
33
10×10
0.07
33
0.70
200
UCD2A330M□□1GS
47
12.5×13.5
0.07
47
0.32
500
UCD2A470M□□1MS
68
12.5×13.5
0.07
68
0.32
500
UCD2A680M□□1MS
100
16×16.5
0.07
100
0.17
793
UCD2A101M□□1MS
150
16×16.5
0.07
150
0.17
793
UCD2A151M□□1MS
220
18×16.5
0.07
220
0.15
917
UCD2A221M□□1MS
330
18×16.5
0.07
330
0.15
917
UCD2A331M□□1MS
Dimensions
For taping specifications, recommended land size/soldering by
reflow and minimum order quantity, please refer to the Guidelines
for Aluminum Electrolytic Capacitors.
□□ : Enter the appropriate configuration code.
CAT.8100N



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com