Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPL1 Datasheet(PDF) 1 Page - Samtec, Inc

Part # IPL1
Description  DISCRETE WIRE HEADER (2.54 mm) .100"
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

IPL1 Datasheet(HTML) 1 Page - Samtec, Inc

  IPL1 Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(2.54 mm) .100"
IPL1 SERIES
Mates with
discrete wire cable
assemblies
Align &
Latch™
Surface Mount, Right Angle,
Right Angle Elevated
and Vertical Through-hole
(2.54 mm)
.100" pitch
Keyed
Polarization
IPL1–120–01–L–D–RA–K
IPL1–105–02–L–D–K
IPL1–106–01–L–D–RE1–K
IPL1–110–02–L–S–K
WWW.SAMTEC.COM
Due to technical progress, all designs, specifications and components are subject to change without notice.
Note: Some lengths, styles
and options are non-standard,
non-returnable.
Mates with:
MMSD, MMSS,
MMSDT, MMSST
SPECIFICATIONS
IPL1
NO. PINS
PER ROW
PLATING
OPTION
1K
–01
= Through-
hole
–02
= Surface
Mount
TAIL
OPTION
LEAD
STYLE
–L
= 10µ"
(0.25 µm)
Gold on
contact,
Matte Tin
on tail
–K
=Keyed
Polarization
ROW
OPTION
For complete scope of
recognitions see
www.samtec.com/quality
RECOGNITIONS
For complete specifications
www.samtec.com?IPL1
Insulator Material:
Natural LCP
Terminal Material:
Phosphor Bronze
Plating:
Sn or Au over
50µ" (1.27 µm) Ni
Operating Temp Range:
-55°C to +125°C
Voltage Rating:
675 VAC/954 VDC
RoHS Compliant:
Yes
Processing:
Lead–Free Solderable:
Yes
–S & –D (–02 Lead Style)
SMT Lead Coplanarity:
(0.10 mm) .004" max (02-05)
(0.13 mm) .005" max (06-10)
(0.15 mm) .006" max (11-25)
–SH SMT Lead Coplanarity:
(0.15 mm) .006" max (02-25)
02, 03, 04, 05, 06, 08,
10, 12, 15, 16, 20, 25
(Standard sizes)
ALSO AVAILABLE
(MOQ Required)
–RE1
APPLICATION
• Other sizes
• With or without plug
polarization
• Guide post holes
• Other platings
• Weld tab
Contact Samtec.
–02
–01
–02–D
–02–S
–01–S
–01–S-RA
–01–D
–01–D–RA
–RA
–02–SH
DISCRETE WIRE HEADER
MMSD
IPL1-RE1
(3.05)
.120
(5.46)
.215
(2.54)
.100
(2.16)
.085
(8.26)
.325
(1.52)
.060
(2.03)
.080
(2.54) .100
(1.02) .040
(0.64) .025 SQ
(9.58)
.377
(5.59)
.220
(7.62)
.300
(8.76)
.345
(8.76)
.345
(7.04)
.277
(5.44)
.214
(8.13)
.320
–01. –02 & –RA =
No. of positions x
(2.54) .100 + (1.52) .060
–SH & –RE1 =
No. of positions x
(2.54) .100 + (4.06) .160
(2.54)
.100
01
01
02
02
(6.35)
.250
(6.10)
.240
(2.54)
.100
(5.08)
.200
(6.86)
.270
(2.03)
.080
(2.16)
.085
(1.52)
.060
–01–D–RE1
–01–S–RE1
F-215 (Rev 24AUG15)
–RA
=Right Angle
(–01 lead
style only)
–RE1
=Right Angle
Elevated
(–01 lead
style only)
(–K is a required
callout)
–S
= Single Row
–SH
= Single Row
Horizontal
(–02 lead
style only)
–D
= Double Row


Similar Part No. - IPL1

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
IPL1-102-01-L-D-RA-K-FR SAMTEC-IPL1-102-01-L-D-RA-K-FR Datasheet
191Kb / 1P
(2.54 mm) .100" PITCH • DISCRETE WIRE TERMINAL
IPL1-102-01-L-D-RA-K-TR SAMTEC-IPL1-102-01-L-D-RA-K-TR Datasheet
191Kb / 1P
(2.54 mm) .100" PITCH • DISCRETE WIRE TERMINAL
IPL1-102-01-L-D-RE1-K-FR SAMTEC-IPL1-102-01-L-D-RE1-K-FR Datasheet
191Kb / 1P
(2.54 mm) .100" PITCH • DISCRETE WIRE TERMINAL
IPL1-102-01-L-D-RE1-K-TR SAMTEC-IPL1-102-01-L-D-RE1-K-TR Datasheet
191Kb / 1P
(2.54 mm) .100" PITCH • DISCRETE WIRE TERMINAL
IPL1-102-01-L-S-RA-K-FR SAMTEC-IPL1-102-01-L-S-RA-K-FR Datasheet
191Kb / 1P
(2.54 mm) .100" PITCH • DISCRETE WIRE TERMINAL
More results

Similar Description - IPL1

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BHR-34-VUA-LL ADAM-TECH-BHR-34-VUA-LL Datasheet
116Kb / 1P
.100 BOX HEADER W/LATCHES .100 X .100 [2.54 X 2.54] CENTERLINE
FCP34SG ADAM-TECH-FCP34SG Datasheet
123Kb / 1P
.100 IDC BOX HEADER .100" X .100" [2.54 X 2.54] CENTERLINE
FCP-34-SG ADAM-TECH-FCP-34-SG Datasheet
115Kb / 1P
.100 IDC BOX HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MHF34SGL ADAM-TECH-MHF34SGL Datasheet
127Kb / 1P
.100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF-34-SGL ADAM-TECH-MHF-34-SGL Datasheet
105Kb / 1P
.100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
.100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
.100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
logo
3M Electronics
961102-5604-AR 3M-961102-5604-AR Datasheet
852Kb / 3P
3M Pin Strip Header 2.54 mm and 2.54 mm x 2.54 mm, Right Angle, Solder Tail
26-Nov-2012
logo
Samtec, Inc
MMSD SAMTEC-MMSD Datasheet
260Kb / 1P
(2.54 mm) .100
Rev 21DEC21
IPL1-102-01-L-S-RA-K-TR SAMTEC-IPL1-102-01-L-S-RA-K-TR Datasheet
191Kb / 1P
(2.54 mm) .100" PITCH • DISCRETE WIRE TERMINAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com