Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL103W Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL103W
Description  DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL103W Datasheet(HTML) 1 Page - Texas Instruments

  TL103W Datasheet HTML 1Page - Texas Instruments TL103W Datasheet HTML 2Page - Texas Instruments TL103W Datasheet HTML 3Page - Texas Instruments TL103W Datasheet HTML 4Page - Texas Instruments TL103W Datasheet HTML 5Page - Texas Instruments TL103W Datasheet HTML 6Page - Texas Instruments TL103W Datasheet HTML 7Page - Texas Instruments TL103W Datasheet HTML 8Page - Texas Instruments TL103W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.ti.com
FEATURES
VCC+
1OUT
VREF
OPAMP1
OPAMP2
+
+
-
-
1
2
3
4
8
7
6
5
D (SOIC) PACKAGE
(TOP VIEW)
DRJ (QFN) PACKAGE
(TOP VIEW)
2IN+
1OUT
2
3
4
1
8
7
6
5
1IN−
1IN+
VCC−
2IN−
2OUT
VCC+
NOTE: Exposed thermal pad is connected
internally to VCC− via die attach.
VCC−
1IN+
1IN–
2IN+
2IN–
2OUT
TYPICAL APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
TL103W, TL103WA
DUAL OPERATIONAL AMPLIFIERS
WITH INTERNAL REFERENCE
SLOS437J – APRIL 2004 – REVISED JULY 2005
•
OPERATIONAL AMPLIFIER
– Low Offset Voltage Max of:
• TL103WA…3 mV (25°C) and 5 mV
(Full Temperature)
• TL103W…4 mV (25°C) and 5 mV
(Full Temperature)
– Low Supply Current
…350 µA/Channel (Typ)
– Unity Gain Bandwidth
…0.9 MHz (Typ)
– Input Common-Mode Range Includes GND
– Large Output-Voltage Swing
…
0 V to VCC – 1.5 V
– Wide Supply-Voltage Range
…3 V to 32 V
– 2-kV ESD Protection (HBM)
•
VOLTAGE REFERENCE
– Fixed 2.5-V Reference
– Tight Tolerance Max of:
• TL103WA…0.4% (25°C) and 0.8%
(Full Temperature)
• TL103W . . . 0.7% (25°C) and 1.4%
(Full Temperature)
– Low Temperature Drift
…7 mV (Typ) Over
Operating Temperature Range
– Wide Sink-Current Range . . .
0.5 mA (Typ) to 100 mA
– Output Impedance
…0.2 Ω (Typ)
•
Battery Chargers
•
Switch-Mode Power Supplies
•
Linear Voltage Regulation
•
Data-Acquisition Systems
The TL103W and TL103WA combine the building blocks of a dual operational amplifier and a fixed voltage
reference – both of which often are used in the control circuitry of both switch-mode and linear power supplies.
OPAMP1 has its noninverting input internally tied to a fixed 2.5-V reference, while OPAMP2 is independent, with
both inputs uncommitted.
For the A grade, especially tight voltage regulation can be achieved through low offset voltages for both
operational amplifiers (typically 0.5 mV) and tight tolerances for the voltage reference (0.4% at 25
°C and 0.8%
over operating temperature range).
The TL103W and TL103WA are characterized for operation from –40
°C to 105°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TL103W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL103W TI-TL103W Datasheet
196Kb / 9P
DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
TL103W TI1-TL103W Datasheet
744Kb / 16P
Dual Operational Amplifiers With Internal Reference
TL103W TI1-TL103W Datasheet
927Kb / 18P
TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED AUGUST 2023
TL103W TI1-TL103W Datasheet
1Mb / 29P
TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED DECEMBER 2023
TL103W TI1-TL103W Datasheet
1Mb / 32P
TL103Wx Dual Operational Amplifiers With Internal Reference
DECEMBER 2023
More results

Similar Description - TL103W

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM613 NSC-LM613 Datasheet
1Mb / 22P
Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Linear Technology
LTC1051 LINER-LTC1051 Datasheet
971Kb / 15P
Dual/Quad Precision Chopper Stabilized Operational Amplifiers with Internal Capacitors
logo
Texas Instruments
TL103W TI-TL103W Datasheet
196Kb / 9P
DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
logo
Linear Technology
LTC1051 LINER-LTC1051_1 Datasheet
295Kb / 16P
Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
logo
Taiwan Semiconductor Co...
TS103 TSC-TS103 Datasheet
365Kb / 6P
Dual Operational Amplifiers And Voltage Reference
TS103 TSC-TS103_14 Datasheet
344Kb / 6P
Dual Operational Amplifiers And Voltage Reference
logo
Texas Instruments
LM613 TI1-LM613 Datasheet
1Mb / 32P
Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
TL103W TI1-TL103W_16 Datasheet
744Kb / 16P
Dual Operational Amplifiers With Internal Reference
TL103W TI1-TL103W_V01 Datasheet
927Kb / 18P
TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED AUGUST 2023
TL103W TI1-TL103W_V02 Datasheet
1Mb / 29P
TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com