Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCL205 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XCL205
Description  Inductor Built-in Step-Down “micro DC/DC” Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL205 Datasheet(HTML) 3 Page - Torex Semiconductor

  XCL205 Datasheet HTML 1Page - Torex Semiconductor XCL205 Datasheet HTML 2Page - Torex Semiconductor XCL205 Datasheet HTML 3Page - Torex Semiconductor XCL205 Datasheet HTML 4Page - Torex Semiconductor XCL205 Datasheet HTML 5Page - Torex Semiconductor XCL205 Datasheet HTML 6Page - Torex Semiconductor XCL205 Datasheet HTML 7Page - Torex Semiconductor XCL205 Datasheet HTML 8Page - Torex Semiconductor XCL205 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3/27
XCL205/XCL206/XCL207
Series
■PRODUCT CLASSIFICATION
●
Ordering Information
XCL205①②③④⑤⑥-⑦(*1)
Fixed PWM control
XCL206①②③④⑤⑥-⑦(*1)
PWM / PFM automatic switching control
XCL207①②③④⑤⑥-⑦(*1)
Manual Mode Selection Pin (Semi-custom)
■PIN CONFIGURATION
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
Functions selection
(All CE active high)
Fixed Output
Voltage
A
VIN≧2.0V,
No CL auto discharge, Standard soft-start
B
VIN≧2.0V,
Fixed Output Voltage
CL auto discharge, High speed soft-start
C
VIN≧2.0V,
Fixed Output Voltage
CL auto discharge, Standard soft-start
G
VIN≧1.8V, Fixed Output Voltage
CL auto discharge, High speed soft-start
Output Voltage
External Setting
F
VIN≧1.8V,
CL auto discharge,
High speed soft-start
②③
Fixed Output Voltage
0~9
A~M
Output voltage options
e.g. 1.2V → ②=1, ③=2
1.25V → ②=1, ③=C
0.05V increments :
0.05=A,0.15=B, 0.25=C, 0.35=D, 0.45=E,
0.55=F, 0.65=H, 0.75=K, 0.85=L, 0.95=M
Output Voltage External Setting
08
External Setting 0.8V (F type)
④
Oscillation Frequency
3
3.0MHz
⑤⑥-⑦
Packages
(Order Unit)
AR-G(*2)
CL-2025 (3,000pcs/Reel)
CR-G(*3)
CL-2025-02(3,000pcs/Reel)
(*1) The “-G” suffix denotes Halogen and Antimony free as well as being fully EU RoHS compliant.
(*2) AR-G is storage temperature range "-40 ℃ ~ +105 ℃".
(*3) CR-G is storage temperature range "-40 ℃ ~ +125 ℃".
(BOTTOM VIEW)
L1
L2
7
8
VIN 6
Vss 5
CE/MODE 4
1 Lx
2 Vss
3 VOUT/FB
* It should be connected the VSS pin (No. 2 and 5) to the GND pin.
* If the dissipation pad needs to be connected to other pins, it should be connected
to the GND pin.
* Please refer to pattern layout page for the connecting to PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com