Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC173AMDREP.A Datasheet(PDF) 12 Page - Texas Instruments

Part # SN65LBC173AMDREP.A
Description  SN65LBC173A-EP Quadruple RS-485 Differential Line Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65LBC173AMDREP.A Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN65LBC173AMDREP.A Datasheet HTML 8Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 9Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 10Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 11Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 12Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 13Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 14Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 15Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
MCU or DSP
SPI MASTER
SPISIMO
SN65LBC174A-EP
SN65LBC173A-EP
PERIPHERIAL
SPI SLAVE
SPI MOSI
SPI CS
SPI CS
SPI CLK
GPIO Optional
Handshaking
GPIO or Tie
Enabled
SPICLK
SPISOMI
SPI MISO
GPIO or Tie
Enabled
GPIO Optional
Handshaking
Copyright © 2016, Texas Instruments Incorporated
12
SN65LBC173A-EP
SLLSEH1 – NOVEMBER 2016
www.ti.com
Product Folder Links: SN65LBC173A-EP
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
Extending SPI operation over RS-485 link.
9.2 Typical Application
The following block diagram shows an MCU host connected via RS-485 to a SPI slave device. This device can
be an ADC, DAC, MCU, or other SPI slave peripheral.
Figure 12. DSP-to-DSP Link via Serial Peripheral Interface
9.2.1 Design Requirements
This application can be implemented using standard SPI protocol on DSP or MCU devices. The interface is
independent of the specific frame or data requirements of the host or slave device. An additional but not required
handshake bit is provided that can be used for customer purposes.
9.2.2 Detailed Design Procedure
The interface design requirements are fairly straight forward in this single source/destination scenario. Trace
lengths and cable lengths need to be matched to maximize SPI timing. If there is a benefit to put the interface to
sleep, GPIOs can be used to control the enable signals of the transmitter and receiver. If GPIOs are not
available, or constant uptime needed, both the enables on transmit and receive can be hard tied enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com