Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR910FAW32X6 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STR910FAW32X6
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAW32X6 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STR910FAW32X6 Datasheet HTML 33Page - STMicroelectronics STR910FAW32X6 Datasheet HTML 34Page - STMicroelectronics STR910FAW32X6 Datasheet HTML 35Page - STMicroelectronics STR910FAW32X6 Datasheet HTML 36Page - STMicroelectronics STR910FAW32X6 Datasheet HTML 37Page - STMicroelectronics STR910FAW32X6 Datasheet HTML 38Page - STMicroelectronics STR910FAW32X6 Datasheet HTML 39Page - STMicroelectronics STR910FAW32X6 Datasheet HTML 40Page - STMicroelectronics STR910FAW32X6 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 99 page
background image
STR91xFAx32 STR91xFAx42 STR91xFAx44
Functional overview
37/99
The IMC unit has the following features:
●
Three PWM outputs generated using a 10 or 16-bit PWM counter, one for each phase
U, V, W. Complimentary PWM outputs are also generated for each phase.
●
Choice of classic or zero-centered PWM generation modes
●
10 or 16-bit PWM counter clock is supplied through a programmable 8-bit prescaler of
the APB clock.
●
Programmable 6 or 10-bit dead-time generator to add delay to each of the three
complimentary PWM outputs
●
8-bit repetition counter
●
Automatic rotor speed measurement with 16-bit resolution. Schmitt trigger tachometer
input with programmable edge detection
●
Hardware asynchronous emergency stop input
●
A dedicated interrupt to CPU with eight flags
●
Enhanced Motor stop output polarity configuration
●
Double update option when PWM counter reaches the max and min values in Zero-
centered mode
●
Locking feature to prevent some control register bits from being advertently modified
●
Trigger output to start an ADC conversion
3.27
External memory interface (EMI)
STR91xFA devices in 128-pin and 144-ball packages offer an external memory bus for
connecting external parallel peripherals and memories. The EMI bus resides on ports 7, 8,
and 9 and operates with either an 8 or 16-bit data path. The configuration of 8 or 16 bit
mode is specified by CPU firmware writing to configuration registers at run-time. If the
application does not use the EMI bus, then these port pins may be used for general purpose
I/O as shown in Table 9.
The EMI has the following features:
●
Supports static asynchronous memory access cycles, including page mode for non-
mux operation. The bus control signals include:
–
EMI_RDn - read signal, x8 or x16 mode
–
EMI_BWR_WRLn - write signal in x8 mode and write low byte signal in x16 mode
–
EMI_WRHn - write high byte signal in x16 mode
–
EMI_ALE - address latch signal for x8 or x16 mux bus mode with programmable
polarity
●
Four configurable memory regions, each with a chip select output (EMI_CS0n ...
EMI_CS3n)
●
Programmable wait states per memory region for both write and read operations
●
16-bit multiplexed data mode (Figure 4): 16 bits of data and 16 bits of low-order
address are multiplexed together on ports 8 and 9, while port 7 contains eight more
high-order address signals. The output signal on pin EMI_ALE is used to demultiplex
the signals on ports 8 and 9, and the polarity of EMI_ALE is programmable. The output
signals on pins EMI_BWR_WRLn and EMI_WRHn are the write strobes for the low and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com