Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL103WIDE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TL103WIDE4
Description  DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL103WIDE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL103WIDE4 Datasheet HTML 2Page - Texas Instruments TL103WIDE4 Datasheet HTML 3Page - Texas Instruments TL103WIDE4 Datasheet HTML 4Page - Texas Instruments TL103WIDE4 Datasheet HTML 5Page - Texas Instruments TL103WIDE4 Datasheet HTML 6Page - Texas Instruments TL103WIDE4 Datasheet HTML 7Page - Texas Instruments TL103WIDE4 Datasheet HTML 8Page - Texas Instruments TL103WIDE4 Datasheet HTML 9Page - Texas Instruments TL103WIDE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.ti.com
|z
ka|
+
DVKA
DIK
Voltage Reference
Total Device
TL103W, TL103WA
DUAL OPERATIONAL AMPLIFIERS
WITH INTERNAL REFERENCE
SLOS437J – APRIL 2004 – REVISED JULY 2005
Electrical Characteristics
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25
°C
2.482
2.5
2.518
TL103W
IK = 10 mA
Full range
2.465
2.535
VREF
Reference voltage
V
25
°C
2.49
2.5
2.51
TL103WA
IK = 10 mA
Full range
2.48
2.52
Reference input voltage deviation
∆V
REF
VKA = VREF, IK = 10 mA
Full range
7
30
mV
over temperature range
Minimum cathode current for
Imin
VKA = VREF
25
°C
0.5
1
mA
regulation
VKA = VREF, ∆IK = 1 mA to 100 mA,
|zka|
Dynamic impedance(1)
25
°C
0.2
0.5
Ω
f < 1 kHz
(1)
The dynamic impedance is defined as
.
Electrical Characteristics
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VCC+ = 5 V, No load
0.7
1.2
Total supply current,
ICC
Full range
mA
excluding cathode-current reference
VCC+ = 30 V, No load
2
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com