Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD2 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN65MLVD2
Description  SINGLE M-LVDS RECEIVERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65MLVD2 Datasheet(HTML) 4 Page - Texas Instruments

  SN65MLVD2 Datasheet HTML 1Page - Texas Instruments SN65MLVD2 Datasheet HTML 2Page - Texas Instruments SN65MLVD2 Datasheet HTML 3Page - Texas Instruments SN65MLVD2 Datasheet HTML 4Page - Texas Instruments SN65MLVD2 Datasheet HTML 5Page - Texas Instruments SN65MLVD2 Datasheet HTML 6Page - Texas Instruments SN65MLVD2 Datasheet HTML 7Page - Texas Instruments SN65MLVD2 Datasheet HTML 8Page - Texas Instruments SN65MLVD2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
DEVICE ELECTRICAL CHARACTERISTICS
RECEIVER ELECTRICAL CHARACTERISTICS
SN65MLVD2
SN65MLVD3
SLLS767 – NOVEMBER 2006
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VIH
High-level input voltage
2
VCC
V
VIL
Low-level input voltage
GND
0.8
V
VA or VB
Voltage at any bus terminal
–1.4
3.8
V
|VID|
Magnitude of differential input voltage
0.035
VCC
V
VIC
Differential common-mode input voltage
–1
3.4
V
RL
Differential load resistance
30
50
Ω
1/tUI
Signaling rate
250
Mbps
TA
Operating free-air temperature
–40
85
°C
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
ICC
Supply current
RE at 0 V, CL = 15 pF, VID = 400 mV, 125 MHz
25
mA
(1)
All typical values are at 25
°C and with a 3.3-V supply voltage.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VIT+
Positive-going differential input voltage
Type 1
35
mV
threshold
Type 2
135
VIT–
Negative-going differential input voltage
Type 1
–35
See Figure 1, Table 1 and Table 2
mV
threshold
Type 2
65
VHYS
Differential input voltage hysteresis
Type 1
25
mV
(VIT+– VIT–)
Type 2
0
VOH
High-level output voltage
IOH = –8 mA
2.4
V
VOL
Low-level output voltage
IOL = 8 mA
0.4
V
IIH
High-level input current
VIH = 2 V to VCC
–10
µA
IIL
Low-level input current
VIL = GND to 0.8 V
–10
µA
IOZ
High-impedance output current
VO = 0 V or VCC
–10
15
µA
IA or IB
Receiver input current
One input (VA or VB) = –1.4 V or 3.8 V,
–20
20
µA
Other input = 1.2 V
IAB
Receiver differential input current (IA– IB)
VA = VB = –1.4 V or 3.8 V
–4
4
µA
IA(OFF) or
One input (VA or VB) = –1.4 V or 3.8 V,
IB(OFF)
Receiver input current
Other input = 1.2 V, VCC = GND or 1.5
–20
20
µA
V
IAB(OFF)
Receiver power-off differential input current (IA– IB) VA = VB = –1.4 V or 3.8 V, VCC = GND
–4
4
µA
or 1.5 V
CA or CB Input capacitance
VI = 0.4sin(30E6πt) + 0.5V,(2)
3
pF
Other input at 1.2 V
CAB
Differential input capacitance
VAB = 0.4sin(30E6πt) + 0.5 V(2)
2.5
pF
CA/B
Input capacitance balance, (CA/CB)
0.99
1.01
(1)
All typical values are at 25
°C and with a 3.3-V supply voltage.
(2)
HP4194A impedance analyzer (or equivalent)
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com