Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX60552 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # AX60552
Description  8-Slot ShoeBox Chassis
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX60552 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  AX60552 Datasheet HTML 1Page - Axiomtek Co., Ltd. AX60552 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
460
axiomtek.com
© 2017 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
8
9
10
11
1
0
Ordering Information
Power Supply Specifications
Dimensions
Items
Watt
Specifications
Input
Output
MTBF
PS302-
XP2
ATX 300W
(PFC)
AC 100~240V
(Auto)
+5V @ 16A
+12V1 @ 17A
+12V2 @ 17A
+5VSB @ 2.5A
+3.3V @ 19A
-12V @ 0.3A
100,000
hours
PS400-
XP2
ATX 400W
(PFC)
AC 90~264V
(Auto)
+5V @ 20A
+3.3V @ 20A
+12V1 @ 16A
+12V2 @ 16A
-12V @ 0.5A
+5VSB @ 2.5A
100,000
hours
PS500-
XP2
ATX 500W
(PFC)
AC 90~264V
(Auto)
+5V @ 24A
+3.3V @ 24A
+12V @ 34A
+12V1 @ 17A
+12V2 @ 17A
-12V @ 0.8A
+5VSB @ 2.5A
100,000
hours
AX60552WB/X300
With ATX 300W power supply
AX60552WB/X400
With ATX 400W power supply
AX60552WB/X500
With ATX 500W power supply
*Specifications and certifications are based on options and may vary.
Backplane Options
Models
Slots per Segment
(ISA/PCI/PCIe/CPU)
Segment
ATX6022/8GP7
0/7/0/1
Single
ATX6022/8
3/4/0/1
Single
Models
Slots per Segment
(ISA/PCI/PCIe/CPU)
Segment
FAB111
0/4/2/1
Single
FAB208
0/6/1/1
Single
HAB208
0/6/1/1
Single
FAB116
0/3/4/1
Single
PICMG 1.0
PICMG 1.3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com