Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX6145 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # AX6145
Description  4U Rackmount Chassis for ATX Motherboards
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX6145 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  AX6145 Datasheet HTML 1Page - Axiomtek Co., Ltd. AX6145 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
454
axiomtek.com
© 2017 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
8
9
10
11
1
0
E206145035
4U 7-slot beige rackmount chassis for ATX w/o PSU
E206145043
4U 7-slot black rackmount chassis for ATX w/o PSU
*Specifications and certifications are based on options and may vary.
** T-Black color; W-Beige color
Optional Items
Power Supply Specifications
Dimensions
Items
Watt
Specifications
Input
Output
MTBF
PS400-
XP2
ATX 400W
(PFC)
AC 100~240V
(Auto)
+5V @ 16A
+12V1 @ 17A
+12V2 @ 17A
-12V @ 0.5A
+3.3V @ 21A
+5VSB @ 3A
-5V @ 0.1A
100,000
hours
PS600-XP2
ATX 600W
(PFC)
AC 100~240V
(Auto)
+5V @ 24A
+12V1 @ 24A
+12V2 @ 24A
-12V @ 0.3A
+3.3V @ 24A
+5VSB @ 2.5A
100,000
hours
50761222000E
LGA1151/1155/1156 CPU cooler
594G5208010E
SATA3 Cable 180D w/B.sleeve, L=50cm
594G5208000E
SATA3 cable 180D w/lock&B.sleeve, L=50cm
593836A0030E
Power cable SATAx2, L=150mm (RC)
59384500100E
SBC84500 audio cable w/BKT, P=2, L=420
5938A808020E
USB cable w/bkt USBx2.2X5 (10P-Key) 400mm
59380703000E
COM cable x2 w/bkt, P=2.54, L=300mm
*Specifications and certifications are based on options and may vary.
** T-Black color; W-Beige color
Ordering Information
Updated Jul. 07, 2021.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com