Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS906C2 Datasheet(PDF) 2 Page - Fuji Electric

Part # MS906C2
Description  LOW LOSS SUPER HIGH SPEED RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

MS906C2 Datasheet(HTML) 2 Page - Fuji Electric

  MS906C2 Datasheet HTML 1Page - Fuji Electric MS906C2 Datasheet HTML 2Page - Fuji Electric MS906C2 Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MS906c2 (20A)
(200V / 20A )
Characteristics
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Tj=25°C
Tj=100°C
Tj=125°C
Tj=150°C
Forward Characteristic (typ.)
VF Forward Voltage (V)
0
50
100
150
200
250
10
-3
10
-2
10
-1
10
0
10
1
10
2
Reverse Characteristic (typ.)
Tj=25°C
Tj=100°C
Tj=125°C
Tj=150°C
VR Reverse Voltage (V)
02
468
10
0
2
4
6
8
10
12
14
16
18
20
Square wave
λ=180°
Sine wave
λ=180°
Square wave
λ=120°
Per 1element
DC
Square wave
λ=60°
Forward Power Dissipation
Io
Average Forward Current
(A)
123456789012345
123456789012345
123456789012345
λ
360o
Io
0
5
10
15
20
25
60
70
80
90
100
110
120
130
140
150
160
Square wave
λ=60°C
Square wave
λ=120°C
λ:Conduction angle of forward current for each rectifier element
Io:Output current of center-tap full wave connection
Square wave
λ=180°C
Sine wave
λ=180°C
DC
Current Derating (Io-Tc)
Io
Average Output Current
(A)
0.1
1
10
10
100
1000
Junction Capacitance Characteristic (typ.)
VR
Reverse Voltage (V)
0
50
100
150
200
0
1
2
3
4
5
6
Reverse Power Dissipation
α=180°
DC
VR
Reverse Voltage
(V)
1234
1234
1234
1234
1234
1234
1234
α
360o
VR
123
123
123
123
123
123
123



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com