Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR910FAW32X6T Datasheet(PDF) 13 Page - STMicroelectronics

Part # STR910FAW32X6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAW32X6T Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STR910FAW32X6T Datasheet HTML 9Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 10Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 11Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 12Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 13Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 14Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 15Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 16Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 99 page
background image
STR91xFAx32 STR91xFAx42 STR91xFAx44
Functional overview
13/99
3.4.2
Branch Cache (BC)
When instruction addresses are not sequential, such as a program branch situation, the
PFQ would have to flush and reload which would cause the CPU to stall if no BC were
present. Before reloading, the PFQ checks the BC to see if it contains the desired target
branch address. The BC contains up to fifteen of the most recently taken branch addresses
and the first eight instructions associated with each of these branches. This check is
extremely fast, checking all fifteen BC entries simultaneously for a branch address match
(cache hit). If there is a hit, the BC rapidly supplies the instruction and reduces the CPU
stall. This gives the PFQ time to start pre-fetching again while the CPU consumes these
eight instructions from the BC. The advantage here is that program loops (very common
with embedded control applications) run very fast if the address of the loops are contained
in the BC.
In addition, there is a 16th branch cache entry that is dedicated to the Vectored Interrupt
Controller (VIC) to further reduce interrupt latency by eliminating the stall latency typically
imposed by fetching the instruction that reads the interrupt vector address from the VIC.
3.4.3
Management of literals
Typical ARM architecture and compilers do not place literals (data constants) sequentially in
Flash memory with the instructions that use them, but instead the literals are placed at some
other address which looks like a program branch from the PFQ’s point of view. The
STR91xFA implementation of the ARM966E-S core has special circuitry to prevent flushing
the PFQ when literals are encountered in program flow to keep performance at a maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com