Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVQ32M Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74LVQ32M
Description  QUAD 2-INPUT OR GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ32M Datasheet(HTML) 4 Page - STMicroelectronics

  74LVQ32M Datasheet HTML 1Page - STMicroelectronics 74LVQ32M Datasheet HTML 2Page - STMicroelectronics 74LVQ32M Datasheet HTML 3Page - STMicroelectronics 74LVQ32M Datasheet HTML 4Page - STMicroelectronics 74LVQ32M Datasheet HTML 5Page - STMicroelectronics 74LVQ32M Datasheet HTML 6Page - STMicroelectronics 74LVQ32M Datasheet HTML 7Page - STMicroelectronics 74LVQ32M Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CAPACITIVE CHARACTERISTICS
Symb ol
Parameter
Test Co nditi ons
Valu e
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
T yp.
Max.
Mi n.
Max.
CIN
Input Capacitance
3.3
4
pF
CPD
Power Dissipation
Capacitance (note 1)
3.3
fIN = 10 MHz
15
pF
1) CPD isdefined as the value of the IC’sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto
Test Circuit).Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC/4(per gate)
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500
Ω, Input tr =tf =3 ns)
Symb ol
Parameter
T est Con ditio n
Valu e
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
T yp.
Max.
Mi n.
Max.
tPLH
tPHL
Propagation Delay Time
2.7
6.0
12.0
14.0
ns
3.3
(*)
5.0
9.0
10.0
tOSLH
tOSHL
Output to Output Skew
Time (note 1, 2)
2.7
0.5
1.0
1.0
ns
3.3
(*)
0.5
1.0
1.0
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any twooutputs of the same device switching in the
same direction, either HIGH or LOW (tOSLH =|tPLHm -tPLHn|, tOSHL =|tPHLm -tpHLn|)
2) Parameter guaranteed by design
(*) Voltage range is 3.3V
± 0.3V
74LVQ32
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com