Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR911FAM42X6T Datasheet(PDF) 21 Page - STMicroelectronics

Part # STR911FAM42X6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR911FAM42X6T Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STR911FAM42X6T Datasheet HTML 17Page - STMicroelectronics STR911FAM42X6T Datasheet HTML 18Page - STMicroelectronics STR911FAM42X6T Datasheet HTML 19Page - STMicroelectronics STR911FAM42X6T Datasheet HTML 20Page - STMicroelectronics STR911FAM42X6T Datasheet HTML 21Page - STMicroelectronics STR911FAM42X6T Datasheet HTML 22Page - STMicroelectronics STR911FAM42X6T Datasheet HTML 23Page - STMicroelectronics STR911FAM42X6T Datasheet HTML 24Page - STMicroelectronics STR911FAM42X6T Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 99 page
background image
STR91xFAx32 STR91xFAx42 STR91xFAx44
Functional overview
21/99
Figure 2.
Clock control
3.10.2
Reference clock (RCLK)
The main clock (fMSTR) can be divided to operate at a slower frequency reference clock
(RCLK) for the ARM core and all the peripherals. The RCLK provides the divided clock for
the ARM core, and feeds the dividers for the AHB, APB, External Memory Interface, and
FMI units.
3.10.3
AHB clock (HCLK)
The RCLK can be divided by 1, 2 or 4 to generate the AHB clock. The AHB clock is the bus
clock for the AHB bus and all bus transfers are synchronized to this clock. The maximum
HCLK frequency is 96 MHz.
3.10.4
APB clock (PCLK)
The RCLK can be divided by 1, 2, 4 or 8 to generate the APB clock. The APB clock is the
bus clock for the APB bus and all bus transfers are synchronized to this clock. Many of the
peripherals that are connected to the AHB bus also use the PCLK as the source for external
bus data transfers. The maximum PCLK frequency is 48 MHz.
3.10.5
Flash memory interface clock (FMICLK)
The FMICLK clock is an internal clock derived from RCLK, defaulting to RCLK frequency at
power up. The clock can be optionally divided by 2. The FMICLK determines the bus
bandwidth between the ARM core and the Flash memory. Typically, codes in the Flash
memory can be fetched one word per FMICLK clock in burst mode. The maximum FMICLK
frequency is 96MHz.
MII_PHYCLK
25MHz
PHYSEL
X1_CPU
X1_CPU
X1_RTC
X2_RTC
EXTCLK_T0T1
EXTCLK_T2T3
USB_CLK48M
4-25MHz
48MHz
Main
OSC
RTC
OSC
fOSC
PLL
32.768 kHz
fRTC
Timer 0 & 1
fPLL
fMSTR
Master CLK
1/2
1/2
RCLK
DIV
(1,2,4,8,16,1024)
BRCLK
To UART
USBCLK
To USB
RCLK
AHB DIV
(1,2,4)
APB DIV)
(1,2,4,8)
1/2
HCLK
PCLK
FMICLK
CPUCLK
Timer 2 & 3
1/2
EMI_BCLK
JRTCLK
RTCSEL
32.768 kHz
External clock
External clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com