Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INDYSTAR Datasheet(PDF) 3 Page - Coherent Corp

Part # INDYSTAR
Description  Fast Pulse, High Precision Processing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

INDYSTAR Datasheet(HTML) 3 Page - Coherent Corp

  INDYSTAR Datasheet HTML 1Page - Coherent Corp INDYSTAR Datasheet HTML 2Page - Coherent Corp INDYSTAR Datasheet HTML 3Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
IndyStar
© 2023 Coherent Corp.
Legal notices : coherent.com/legal
For more information
www.coherent.com
Mechanical Specifications
IndyStar
381 mm (15 in.)
190.5 mm
(7.5 in.)
182 mm
(7.2 in.)
35 mm ±5
(1.38 in. ±0.2)
170 mm
(6.7 in.)
145 mm
(5.7 in.)
65.5 mm
(2.6 in.)
250 mm
(9.8 in.)
84.5 mm
(3.3 in.)
155.5 mm
(6.1 in.)
213 mm (8.4 in.)
90 mm (3.5 in.)
25 mm (0.98 in.)
Leakage Water Outlet
Optional Foot Position
170 mm
(6.7 in.)
623 mm
(24.5 in.)
22 mm
(0.87 in.)
69 mm
(2.72 in.)
Ø 158 mm
(6.22 in.)
270.5 mm (10.65 in.)
232.5 mm (9.15 in.)
181.5 mm (7.15 in.)
125.5 mm (4.94 in.)
97.5 mm (3.84 in.)
890 mm (35 in.)
800 mm (31.5 in.)
58.5 mm
(2.3 in.)
Front
View
Rear
View
Side View
Top View



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com