Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4401 Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # 4401
Description  Ethernet to 4-Port RS-232 Serial Server
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

4401 Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  4401 Datasheet HTML 1Page - Sealevel Systems, Inc. 4401 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
Ethernet to 4-Port RS-232 Serial Server
Part: 4401 | Model: SeaLINK+4.232
Features
• Ethernet 10/100BaseT (autosense)
• Appears as a virtual COM port to host machine
• Data rates to 230.4K bps
• Supports custom baud rates and 9-bit protocol
• Four DB9M connectors with full modem control signals implemented
• Hot-swappable
• Built-in watchdog/reset circuit automatically recovers the converter
from unexpected error-states
• DIN rail mounting option (Item # DR103)
• Includes 120V AC adapter that outputs 5VDC @ 2.4A (Item# TR101)
• Includes 7′ Ethernet patch cable (Item# CA246) and 7′ Ethernet
crossover cable (Item# CA251)
• Sealevel SeaLINK software supports Microsoft Windows and Linux
operating systems
Specifications
Family
SeaLINK
Dimensions
8.6 (L) x 6.1 (W) x 2.0 (H)
Electrical Interface
RS-232
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
Host Interface(s)
Ethernet
Max Data Distance
50 feet
Max Data Rate
230.4K bps
Operating
Temperature
0°C to 70°C (32°F to 158°F)
# of Ports
4
Power Requirement
+5V @ 1A
Serial Connector(s)
DB9M
Storage
Temperature
-50°C to 105°C (-58°F to 221°F)
sealevel.com
+1 864.843.4343
SL9490 F22



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com