Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPT Datasheet(PDF) 2 Page - Nichicon corporation

Part # UPT
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPT Datasheet(HTML) 2 Page - Nichicon corporation

  UPT Datasheet HTML 1Page - Nichicon corporation UPT Datasheet HTML 2Page - Nichicon corporation UPT Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
UPT
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Rated Ripple
(mArms)
(105℃/120Hz)
Part Number
(
at 20℃ after
2 minutes
)
200
(2D)
68
10×30.5
0.12
826
350
 UPT2D680MPD
82
12.5×25
0.12
994
410
 UPT2D820MHD
100
12.5×30.5
0.12
1210
480
 UPT2D101MHD
120
12.5×30.5
0.12
1450
530
 UPT2D121MHD
150
12.5×35.5
0.12
1810
620
 UPT2D151MHD
180
12.5×40
0.12
2170
700
 UPT2D181MHD
220
16×30.5
0.12
2650
760
 UPT2D221MHD
220
18×30.5
0.12
2650
810
 UPT2D221MHD6
270
16×35.5
0.12
3250
880
 UPT2D271MHD
270
18×30.5
0.12
3250
870
 UPT2D271MHD6
330
18×35.5
0.12
3970
1010
 UPT2D331MHD
390
18×40
0.12
4690
1130
 UPT2D391MHD
220
(2P)
56
10×30.5
0.12
749.2
290
 UPT2P560MPD
68
12.5×25
0.12
907.6
340
 UPT2P680MHD
82
12.5×30.5
0.12
1092.4
390
 UPT2P820MHD
100
12.5×30.5
0.12
1330
430
 UPT2P101MHD
120
12.5×35.5
0.12
1594
490
 UPT2P121MHD
150
12.5×40
0.12
1990
580
 UPT2P151MHD
180
16×30.5
0.12
2386
670
 UPT2P181MHD
220
16×35.5
0.12
2914
770
 UPT2P221MHD
220
18×30.5
0.12
2914
770
 UPT2P221MHD6
270
16×40
0.12
3574
880
 UPT2P271MHD
270
18×35.5
0.12
3574
880
 UPT2P271MHD6
330
18×40
0.12
4366
1010
 UPT2P331MHD
250
(2E)
47
10×30.5
0.12
715
270
 UPT2E470MPD
56
12.5×25
0.12
850
310
 UPT2E560MHD
68
12.5×30.5
0.12
1030
360
 UPT2E680MHD
82
12.5×30.5
0.12
1240
400
 UPT2E820MHD
100
12.5×35.5
0.12
1510
460
 UPT2E101MHD
120
12.5×40
0.12
1810
530
 UPT2E121MHD
150
16×30.5
0.12
2260
620
 UPT2E151MHD
180
16×35.5
0.12
2710
720
 UPT2E181MHD
180
18×30.5
0.12
2710
720
 UPT2E181MHD6
220
16×40
0.12
3310
830
 UPT2E221MHD
220
18×35.5
0.12
3310
830
 UPT2E221MHD6
270
18×40
0.12
4060
950
 UPT2E271MHD
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.
CAT.8100N



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com