Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPS1C331MPD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UPS1C331MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPS1C331MPD Datasheet(HTML) 1 Page - Nichicon corporation

  UPS1C331MPD Datasheet HTML 1Page - Nichicon corporation UPS1C331MPD Datasheet HTML 2Page - Nichicon corporation UPS1C331MPD Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
Item
UPS MiniatureSized,LowImpedance,
For Switching Power Supplies
Wide temperature range type, miniature sized.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
Radial Lead Type
Specifications
Type numbering system (Example : 25V 470µF)
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
※
Tangent of loss angle (tan δ)
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
–55 to +105˚C
6.3 to 100V
22 to 15000µF
± 20% at 120Hz, 20˚C
Printed with white color letter on dark brown sleeve.
After storing the capacitors under no load at 105˚C for 1000 hours and then performing voltage treatment based on JIS C
5101-4 clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
After 1 minute's application of rated voltage at 20°C, leakage current is not more than 0.03CV (µA).
Rated voltage (V)
tan δ (max.)
6.3
0.24
10
0.20
16
0.16
25
0.14
35
0.12
50
0.10
63
0.09
100
0.08
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF
Measurement frequency :
120Hz at 20˚C
Measurement frequency : 120Hz
Z(–25˚C) / Z(+20˚C)
Rated voltage (V)
Impedance ratio
(max.)
6.3 · 10
—
—
5
16 · 25
—
—
4
35 · 50
—
—
3
63 · 100
2
3
—
Z(–40˚C) / Z(+20˚C)
Z(–55˚C) / Z(+20˚C)
The specifications listed at right shall be met when the
capacitors are restored to 20˚C after D.C. bias plus rated ripple
current is applied for 3000 hours (2000 hours for φD= 8 to 10) at
105˚C, the peak voltage shall not exceed the rated voltage.
Frequency coefficient of rated ripple current
Frequency
Cap.(µF)
22 to 4700
100 to 220.
330 to 680.
.
1000 to 15000
50Hz
—
0.30
0.57
0.75
120Hz
0.17
0.50
0.71
0.87
300Hz
0.40
0.65
0.82
0.96
1kHz
0.65
0.80
0.90
0.98
10kHz or more
1.00
1.00
1.00
1.00
U
1
P
2
S
3
1
4
E
5
4
6
7
7
1
8
M
9
P
10
D
11
12
Configuration
Size code
Series name
Type
φd
Pressure
relief vent
φD
P
φd
8
3.5
0.6
10
5.0
0.6
12.5
5.0
0.6
16
7.5
0.8
18
7.5
0.8
15min.
4min.
(L < 20) 1.5
(L 20) 2.0
Capacitance tolerance (±20%)
Rated capacitance (470
µF)
Rated voltage (25V)
Sleeve (PET)
φ D
Pb-free leadwire
Pb-free PET sleeve
8 · 10
PD
12.5 to 18
HD
Configuration
(mm)
L ±
Leakage current
tan δ
Capacitance change
Less than or equal to the initial specified value
200% or less than the initial specified value
Within ±20% of the initial capacitance value
ALUMINUM ELECTROLYTIC CAPACITORS
Dimension table in next page.
Please refer to the Guidelines for Aluminum Electrolytic Capacitors
for end seal configuration information.
UPS
UPJ
Smaller
※ I : Leakage Current (µA), C : Rated Capacitance (µF), V : Rated Voltage (V)


Similar Part No. - UPS1C331MPD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UPS1C331MPD NICHICON-UPS1C331MPD Datasheet
91Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UPS1C331MPD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com