Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AML75RBC Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # AML75RBC
Description  Barriers/Panel Seal Accessories
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

AML75RBC Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  AML75RBC Datasheet HTML 1Page - Honeywell Solid State Electronics Center AML75RBC Datasheet HTML 2Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Manual Switches
AML71/75 Series
Barriers/Panel Seal Accessories
56
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
AML71 BARRIERS
Drawing shows two switches, slot mount-
ed. From left to right: one center barrier, a
second switch, plus another end barrier
to complete the arrangement.
When mounting an individual unit, an end
barrier is attached to each side of the
housing. The center barrier is used in a
slot mount array.
FEATURES
Barriers separate individually
mounted switches and indicators —
help prevent inadvertent actuation of
two pushbutton switches with a single
push.
Front of panel mounting simplifies
installation.
AML71 BARRIER ORDER GUIDE (See notes)
Barriers shown in order guide are black.
Barrier Length
Type
Catalog Listing
Short
Center
AML71SCB
(For use with square devices and short side
of rectangular devices.)
End
AML71SEB
Long
Center
AML71LCB
(For use with long side of rectangular
devices.)
End
AML71LEB
Notes:
Not for use with AML61 mounting hardware or any full guard bezel products.
Not for use with AML41J, K, or L lens type indicators; or AML45 annunciators.
AML75 PANEL SEAL
FEATURES
AML75 panel seals fit pushbutton
switches and indicators.
Provides protection from
contamination from accidental
beverage spills, dust, and dirt.
Easy to install, without tools
No effect on display color, light
intensity, or legend quality.
Replace seal or change lamps without
removing switch from panel.
For .19-inch standard height square or
rectangular pushbuttons.
Mounting dimensions page 65.
The design complements AML’s func-
tional appearance, creating a pleasing
framed effect around the button. It con-
sists of a matte black plastic base which
press-fits between the panel and switch
bezel, and a transparent flexible seal
which snaps into the base. PK 8521, ship-
ped with each order, provides installation
instructions.
Button colors and legends can be viewed
without distortion whether lighted or un-
lighted. Seals can be conveniently re-
placed or removed for relamping, without
removing the switch from panel.
Operating temperature range is 32° to
131°F(0° to 55°C).
AML75 PANEL SEAL ORDER GUIDE
For Use With:
Square .19
Rectangular .19
Description
high pushbuttons
high pushbuttons
Rockers
Base & Seal
AML75ABC
AML75BBC
AML75RBC
Base Only
AML75ABN
AML75BBN
—
Seal Only
AML75ANC
AML75BNC
—
Notes:
Multiple units should not be mounted in a
single slot, since this would create an
unsealed space between each unit.
AML75 seals are not for use with barriers,
full guard bezels, AML61 mounting hard-
ware, AML45 annunciators, or AML41J, K,
or L lens type indicators.
MATERIAL
Base: Polypropylene
Cap: Polyvinyl Chloride


Similar Part No. - AML75RBC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AML7218 ETC-AML7218 Datasheet
194Kb / 7P
AML7218 MMS Board
Rev 1.0 Saturday, June 30, 2007
More results

Similar Description - AML75RBC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
H-385 BOURNS-H-385 Datasheet
27Kb / 1P
Panel Seal Assembly
logo
Nihon Kaiheiki Industry...
YB215CWCKW01-5C-JB NKK-YB215CWCKW01-5C-JB Datasheet
316Kb / 8P
22mm Panel Seal Pushbuttons
logo
Qualiflow Therm
Q646700 QUALIFLOW-Q646700 Datasheet
329Kb / 2P
Gas Panel Accessories
logo
Bourns Electronic Solut...
H385 BOURNS-H385 Datasheet
90Kb / 1P
Panel Seal Assembly
logo
Nihon Kaiheiki Industry...
YB215CWCKW01-6B-JB NKK-YB215CWCKW01-6B-JB Datasheet
3Mb / 11P
Panel Seal Pushbuttons
logo
Roithner LaserTechnik G...
ELS_810_638 ROITHNER-ELS_810_638 Datasheet
41Kb / 1P
photoelectric barriers
logo
List of Unclassifed Man...
EB3C ETC2-EB3C Datasheet
1Mb / 20P
Relay Barriers
logo
Copal Electronics
CL-LB COPAL-CL-LB_16 Datasheet
906Kb / 2P
PANEL SEAL ROCKER SWITCHES
logo
Pentair plc. All rights...
A20P16 PENTAIR-A20P16 Datasheet
1Mb / 16P
Panels and Panel Accessories
logo
PHOENIX CONTACT
1444047 PHOENIX-1444047 Datasheet
146Kb / 2P
Accessories - SACC-SEAL-CI-M12FS-8X1,3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com