Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLD Datasheet(PDF) 1 Page - Novaris

Part # SLD
Description  SLD - Signal Line Protectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOVARIS [Novaris]
Direct Link  http://www.novaris.com.au/
Logo NOVARIS - Novaris

SLD Datasheet(HTML) 1 Page - Novaris

  SLD Datasheet HTML 1Page - Novaris SLD Datasheet HTML 2Page - Novaris  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions
Ordering Information
Diagram / Installation
T echnical Infor mation Sheet
www.novaris.com.au
72 Browns Road, Kingston Tasmania 7050 Australia
Phone +61 3 6229 7233 Fax +61 3 6229 9245 E-mail sales@novaris.com.au
SLD - Signal Line Protectors
SLD (0064-D1V2)
L1 SCN /
L2
L1
L2
SCN /
L3
L4
L1
L2 L3
L4
E1
E2
E3
E4
L5
L6 L7
L8
E1
E2 E3
E4
E5
E6 E7
E8
E1 SCN /
E2
line
load
line
load
line
load
SCN /
SCN
/
SCN
/
49
29
19.5
95
28
78
50
115
SLD4
SLD2
SLD1
Signal Type
Options
Indirect Earthing
Max. load current: I
L= 2 A
High frequency: f
c= 10 MHz
SLDx-7v5
5 V digital
0 - 6 V analog
-EC90
-2
-H
SLDx-18
12 V digital
0 - 12 V analog
-EC90
-2
-H
SLDx-36
24 V digital
0 / 4 - 20 mA
-EC90
-2
-H
SLDx-68
48 V digital
–
-EC90
-2
-H
SLDx-485
RS 485
RS422
Standard
-2
–
SLDx-DH
RS232
Data Highway
Standard
-2
–
SLDx-PSTN
Public Switched Telephone Network
-EC90
–
–
High Surge Current Signal Line Protectors
SLD Signal Line Protectors are designed to protect the most sensitive electronic
equipment in lightning intense environments. So they are ideal for the protection
of PLC’s, fire and security systems, railway signalling and SCADA equipment.
Multistage Transient Protection
Models featuring multistage transient protection deliver greater levels of
protection through a staged approach. The primary stage absorbs the majority of
the surge energy. The remaining stages provide accurate clamping and a degree
of redundancy.
Surge Current Fusing
Surge current fuses allow components to absorb maximum energy but in
the event of a component failure the fuse will open to isolate the damaged
component.
Safe Metal Enclosure
Novaris surge protection products are housed in safe, all metal enclosures. In
the event of a prolonged overvoltage they will not catch fire or explode.


Similar Part No. - SLD

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SLD LITTELFUSE-SLD Datasheet
916Kb / 5P
The AEC-Q101 qualified SLD Series is packaged in a highly reliable industry standard P600 axial leaded package and is designed to provide precision overvoltage protection for sensitive electronics
logo
Automatic Timing & Cont...
SLD ATC-SLD Datasheet
489Kb / 1P
Phase & Under Voltage Monitor
logo
SIRENZA MICRODEVICES
SLD-1000 SIRENZA-SLD-1000 Datasheet
332Kb / 5P
4 Watt Discrete LDMOS FET-Bare Die
SLD-1026Z SIRENZA-SLD-1026Z Datasheet
822Kb / 21P
3 Watt Discrete LDMOS Device Plastic Surface Mount Package
logo
List of Unclassifed Man...
SLD-1083CZ ETC1-SLD-1083CZ Datasheet
218Kb / 5P
4 Watt Discrete LDMOS FET in Ceramic Package
More results

Similar Description - SLD

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8414-04 HAMAMATSU-L8414-04 Datasheet
68Kb / 2P
SLD (Super Luminescent Diode)
logo
Maxim Integrated Produc...
MAX366 MAXIM-MAX366 Datasheet
103Kb / 12P
Signal-Line Circuit Protectors
19-0326; Rev 0; 12/94
MAX4506 MAXIM-MAX4506 Datasheet
393Kb / 12P
Fault-Protected, High-Voltage Signal-Line Protectors
Rev 1; 8/99
logo
Bourns Electronic Solut...
L11B BOURNS-L11B Datasheet
125Kb / 1P
Line Feed Resistors w/Thermal Fuse & Overvoltage Protectors
logo
Maxim Integrated Produc...
MAX4506 MAXIM-MAX4506_03 Datasheet
1Mb / 12P
Fault-Protected, High-Voltage Signal-Line Protectors
Rev 2; 2/03
logo
Central Semiconductor C...
CMPLC1V5 CENTRAL-CMPLC1V5 Datasheet
278Kb / 3P
LOW CAPACITANCE ESD TRANSIENT DATA LINE PROTECTORS
logo
SHANGHAI BELLING CO., L...
BL8506B BELLING-BL8506B Datasheet
270Kb / 6P
Store non-volatile RAM signal protectors
logo
Hamamatsu Corporation
L12856-04 HAMAMATSU-L12856-04_15 Datasheet
293Kb / 2P
Super Luminescent Diode (SLD)
L11607-04 HAMAMATSU-L11607-04_15 Datasheet
134Kb / 2P
SLD (Super Luminescent Diode)
logo
TDK Electronics
MMZ1005A102ET000 TDK-MMZ1005A102ET000 Datasheet
156Kb / 10P
For general signal line GHz noise countermeasure (general signal line, high-speed signal line)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com