Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD608 Datasheet(PDF) 8 Page - Alpha & Omega Semiconductors

Part # AOD608
Description  Complementary Enhancement Mode Field Effect Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD608 Datasheet(HTML) 8 Page - Alpha & Omega Semiconductors

  AOD608 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD608 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD608 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD608 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD608 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD608 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOD608 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOD608 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOD608 Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AOD608
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS: P-CHANNEL
0
2
4
6
8
10
04
8
12
16
20
-Qg (nC)
Figure 7: Gate-Charge Characteristics
0
200
400
600
800
1000
1200
1400
0
5
10
15
20
25
30
35
40
-VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
0
40
80
120
160
200
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Case (Note F)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
Coss
Crss
VDS=-40V
ID=-10A
Single Pulse
D=Ton/T
TJ,PK=TC+PDM.ZθJC.RθJC
RθJC=3°C/W
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
TJ(Max)=175°C
TA=25°C
0.1
1
10
100
0.1
1
10
100
VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note E)
10µs
100µs
10ms
1ms
DC
RDS(ON)
limited
TJ(Max)=150°C, TA=25°C
100m
1s
10s
Alpha & Omega Semiconductor, Ltd.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com