Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM2 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # PM2
Description  Convergent Reflective Micro Photoelectric Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PM2 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  PM2 Datasheet HTML 1Page - Panasonic Semiconductor PM2 Datasheet HTML 2Page - Panasonic Semiconductor PM2 Datasheet HTML 3Page - Panasonic Semiconductor PM2 Datasheet HTML 4Page - Panasonic Semiconductor PM2 Datasheet HTML 5Page - Panasonic Semiconductor PM2 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
411
FIBER
SENSORS
LASER
SENSORS
PHOTOELECTRIC
SENSORS
MICRO
PHOTOELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS/
SAFETY COMPONENTS
PRESSURE
I
?LO\N
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASUREMENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA COMPONENTS
MACHINE VISION
SYSTEMS
UV CURING
SYSTEMS
Selection
Guide
U-shaped
Convergent
Reflective
PM2
Convergent Reflective Micro Photoelectric Sensor
PM2 SERIES
Related Information
■ General terms and conditions............ F-3
■ Selection guide............................ P.393-
■ Glossary of terms........................P.1549-
■ General precautions.....................P.1552-
panasonic.net/id/pidsx/global
Convergent reflection sensing ensures stable detection
Stable detection by convergent reflective mode
Stable detection
characteristics are
obtained since it is
convergent reflective
type and senses a
limited area.
Cable type is also available
Cumbersome soldering is not required.
It saves space and improves reliability.
Hardly affected by background
Even a specular
background does not
affect the sensing
performance if the
sensor is located 30 mm
1.181 in away from it.
/ However, the specular background should be a
plane surface, directly facing the sensor. A spherical
\or curved background may be detected.
Dark object detectable
Since the sensor is very
sensitive, it can detect
even a dark object of low
reflectivity.
Minute object detectable
A 00.05 mm 00.002 in
copper wire can be
detected at a distance of
5 mm 0.197 in under the
optimum condition.
Cable type


Similar Part No. - PM2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM2 ETC2-PM2 Datasheet
118Kb / 1P
Floor pressure mats or pads are designed to detect a person treading on them, there primary use is in the security industry
logo
M-System Co.,Ltd.
PM2 MSYSTEM-PM2 Datasheet
78Kb / 1P
Super-mini Signal Conditioners Mini-M Series
logo
List of Unclassifed Man...
PM2 ETC-PM2 Datasheet
123Kb / 2P
PS1/PM1 & PS2/PM2 SERIES POSITION SENSORS
PM2 ETC-PM2 Datasheet
1Mb / 6P
Convergent Reflective Micro Photoelectric Sensor
logo
PANDUIT CORP.
PM2-3R-C PANDUIT-PM2-3R-C Datasheet
65Kb / 1P
Metric Ring Terminal, Vinyl Insulated – Funnel Entry
More results

Similar Description - PM2

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4-3E1134 SICK-WLG4-3E1134 Datasheet
778Kb / 6P
Photoelectric retro-reflective sensor
2/4/2016
WLG4-3E1382 SICK-WLG4-3E1382 Datasheet
780Kb / 6P
Photoelectric retro-reflective sensor
2/4/2016
WLG4-3F3182S06 SICK-WLG4-3F3182S06 Datasheet
675Kb / 5P
Photoelectric retro-reflective sensor
2/4/2016
WLG4-3F3434 SICK-WLG4-3F3434 Datasheet
781Kb / 6P
Photoelectric retro-reflective sensor
WLG4-3K2232 SICK-WLG4-3K2232 Datasheet
798Kb / 6P
Photoelectric retro-reflective sensor
WLG4S-3F3434V SICK-WLG4S-3F3434V Datasheet
1Mb / 7P
Photoelectric retro-reflective sensor
2/4/2016
WLG4S-3N1132V SICK-WLG4S-3N1132V Datasheet
1Mb / 7P
Photoelectric retro-reflective sensor
2/4/2016
WLG4S-3N2432V SICK-WLG4S-3N2432V Datasheet
784Kb / 7P
Photoelectric retro-reflective sensor
2/4/2016
logo
Panasonic Semiconductor
EX-42 PANASONIC-EX-42 Datasheet
414Kb / 6P
Convergent Reflective Photoelectric Sensor
EX-40 PANASONIC-EX-40 Datasheet
414Kb / 6P
Convergent Reflective Photoelectric Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com