Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74V1G04 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V1G04
Description  SINGLE INVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1G04 Datasheet(HTML) 1 Page - STMicroelectronics

  74V1G04 Datasheet HTML 1Page - STMicroelectronics 74V1G04 Datasheet HTML 2Page - STMicroelectronics 74V1G04 Datasheet HTML 3Page - STMicroelectronics 74V1G04 Datasheet HTML 4Page - STMicroelectronics 74V1G04 Datasheet HTML 5Page - STMicroelectronics 74V1G04 Datasheet HTML 6Page - STMicroelectronics 74V1G04 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
74V1G04
SINGLE INVERTER
October 1999
s
HIGH SPEED: tPD = 3.8 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =1
µA (MAX.) at TA =25 oC
s
HIGH NOISE IMMUNITY:
VNIH =VNIL =28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 5.5V
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74V1G04 is an advanced high-speed CMOS
SINGLE INVERTER fabricated with sub-micron
silicon gate and double-layer metal wiring C
2MOS
technology.
The internal circuit is composed of 3 stages
including buffer output, which provide high noise
immunity and stable output.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
PIN CONNECTION AND IEC LOGIC SYMBOLS
®
S
(SOT23-5L)
C
(SC-70)
ORDER CODE:
74V1G04S
74V1G04C
1/7


Similar Part No. - 74V1G04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04 Datasheet
110Kb / 9P
SINGLE INVERTER
Apr-2004
74V1G04CTR STMICROELECTRONICS-74V1G04CTR Datasheet
110Kb / 9P
SINGLE INVERTER
Apr-2004
74V1G04STR STMICROELECTRONICS-74V1G04STR Datasheet
110Kb / 9P
SINGLE INVERTER
Apr-2004
74V1G04 STMICROELECTRONICS-74V1G04_04 Datasheet
110Kb / 9P
SINGLE INVERTER
Apr-2004
74V1G04 STMICROELECTRONICS-74V1G04_07 Datasheet
114Kb / 9P
The 74V1G04 is an advanced high-speed
July 2001
More results

Similar Description - 74V1G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G04 PHILIPS-74LVC1G04 Datasheet
68Kb / 16P
Single inverter
2002 Oct 02
logo
ON Semiconductor
NL17SV04XV5T2 ONSEMI-NL17SV04XV5T2 Datasheet
41Kb / 6P
Single Inverter
January, 2005 ??Rev. 2
logo
Rohm
BU4SU69G2 ROHM-BU4SU69G2 Datasheet
216Kb / 5P
Single inverter
logo
ON Semiconductor
MC74VHC1G04 ONSEMI-MC74VHC1G04_07 Datasheet
72Kb / 6P
Single Inverter
January, 2007 ??Rev. 14
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04_04 Datasheet
110Kb / 9P
SINGLE INVERTER
Apr-2004
logo
NXP Semiconductors
74LVC1G04 NXP-74LVC1G04_09 Datasheet
92Kb / 15P
Single inverter
Rev. 08-27 April 2009
logo
ON Semiconductor
NLU1G04 ONSEMI-NLU1G04 Datasheet
98Kb / 8P
Single Inverter
March, 2008 - Rev. 1
NL17SG04 ONSEMI-NL17SG04 Datasheet
103Kb / 6P
Single Inverter
August, 2012 ??Rev. 1
NL17SH04 ONSEMI-NL17SH04 Datasheet
102Kb / 5P
Single Inverter
August, 2011 ??Rev. 1
NLU1G04 ONSEMI-NLU1G04_16 Datasheet
143Kb / 7P
Single Inverter
July, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com