Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAXUSB00 Datasheet(PDF) 33 Page - Red Lion Controls. Inc

Part # PAXUSB00
Description  1/8 DIN ANALOG INPUT PANEL METERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAXUSB00 Datasheet(HTML) 33 Page - Red Lion Controls. Inc

Back Button PAXUSB00 Datasheet HTML 28Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 29Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 30Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 31Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 32Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 33Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 34Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 35Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 36Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
33
TROUBLESHOOTING
CHECK: Active (lock-out) user input
ENTER: Security code requested
PROGRAM: Module 4 as Hi-t: 0.0 LO-t: 3271.1 (to disable zero chop feature)
PRESS: Reset KEY (If cannot clear contact factory.)
ERROR CODE (Err 1-4)
CHECK: Corresponding option card installation
MODULES or PARAMETERS NOT ACCESSIBLE
INCREASE: Module 1 filtering, rounding, input range
CHECK: Wiring is per EMC installation guidelines
JITTERY DISPLAY
CHECK: Module 1 programming, Input Range Jumper position, input connections, input signal level
“ULUL” in DISPLAY (SIGNAL LOW)
CHECK: Module 1 programming, Input Range Jumper position, input connections, input signal level
“OLOL” in DISPLAY (SIGNAL HIGH)
CHECK: Module 1 programming, Input Range Jumper position, input connections, input signal level,
Module 4 Display Offset is zero, press DSP for Input Display
PERFORM: Module 9 Calibration (If the above does not correct the problem.)
INCORRECT INPUT DISPLAY VALUE
CHECK: Module 3 programming
MAX, MIN, TOT LOCKED-OUT
PROGRAM LOCKED-OUT
CHECK: Power level, power connections
NO DISPLAY
REMEDIES
PROBLEM
DISPLAY ZERO’S AT LEVELS BELOW 1% OF RANGE
For further assistance, contact technical support at the appropriate company numbers listed.
PARAMETER VALUE CHART
Programmer ________________ Date ________
PAX MODEL NUMBER ________ Meter# _____________ Security Code __________

Signal Input Parameters
PAXT: TEMPERATURE SCALE
DISPLAY
PARAMETER
FACTORY
SETTING



PAXT: INPUT TYPE
MODEL DEPENDENT




* DISPLAY RESOLUTION
PAXH: INPUT COUPLE


USER SETTING

PAXT: DISPLAY OFFSET
DISPLAY ROUNDING INCREMENT

FILTER SETTING
-
PAXH 





SCALING POINTS
PAXT: ICE POINT SLOPE

 

* INPUT VALUE 1
SCALING STYLE - NOT PAXT


 
* DISPLAY VALUE 1
 
* INPUT VALUE 2

 
* DISPLAY VALUE 2

 
 
 
 
 
 
* DISPLAY VALUE 4
* DISPLAY VALUE 5
* DISPLAY VALUE 3
* INPUT VALUE 4
* INPUT VALUE 5
* INPUT VALUE 3



* Decimal point location is model and programming dependent.











* INPUT VALUE 7
* DISPLAY VALUE 12
* INPUT VALUE 9
* DISPLAY VALUE 14
* INPUT VALUE 8
* DISPLAY VALUE 13
* INPUT VALUE 6
* DISPLAY VALUE 11
* INPUT VALUE 10
* DISPLAY VALUE 15
* DISPLAY VALUE 7
* INPUT VALUE 13
* INPUT VALUE 11
* DISPLAY VALUE 9
* DISPLAY VALUE 16
* INPUT VALUE 15
* DISPLAY VALUE 8
* INPUT VALUE 14
* DISPLAY VALUE 6
* INPUT VALUE 12
* DISPLAY VALUE 10
* INPUT VALUE 16
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
USER SETTING
FACTORY
SETTING
PARAMETER
DISPLAY
FILTER ENABLE BAND - PAXH 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com