Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # HCS08
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 31Page - NXP Semiconductors HCS08 Datasheet HTML 32Page - NXP Semiconductors HCS08 Datasheet HTML 33Page - NXP Semiconductors HCS08 Datasheet HTML 34Page - NXP Semiconductors HCS08 Datasheet HTML 35Page - NXP Semiconductors HCS08 Datasheet HTML 36Page - NXP Semiconductors HCS08 Datasheet HTML 37Page - NXP Semiconductors HCS08 Datasheet HTML 38Page - NXP Semiconductors HCS08 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 198 page
background image
Chapter 4 Memory Map and Register Definition
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
35
Nonvolatile flash registers, shown in Table 4-4, are located in the flash memory. These registers include
an 8-byte backdoor key that optionally can be used to gain access to secure memory resources. During
reset events, the contents of NVPROT and NVOPT in the nonvolatile register area of the flash memory
are transferred into corresponding FPROT and FOPT working registers in the high-page registers to
control security and block protection options.
Table 4-3. High-Page Register Summary
Address
Register Name
Bit 7
654321
Bit 0
0x1800
SRS
POR
PIN
COP
ILOP
ILAD
0LVD
0
0x1801
SBDFR
0
0
0
0
0
0
0BDFR
0x1802
SOPT1
COPE
COPT
STOPE
0
0
0
BKGDPE
RSTPE
0x1803
SOPT2
COPCLKS
0
0
0
0
0
0
0
0x1804
Reserved
—
—
—
—
—
—
—
—
0x1805
Reserved
—
—
—
—
—
—
—
—
0x1806
SDIDH
REV3
REV2
REV1
REV0
ID11
ID10
ID9
ID8
0x1807
SDIDL
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
0x1808
SRTISC
RTIF
RTIACK
RTICLKS
RTIE
0RTIS
0x1809
SPMSC1
LVDF
LVDACK
LVDIE
LVDRE
LVDSE
LVDE
01
1 This reserved bit must always be written to 0.
BGBE
0x180A
SPMSC2
LVWF
LVWACK
LVDV
LVWV
PPDF
PPDACK
—PPDC
0x180B–
0x181F
Reserved
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0x1820
FCDIV
DIVLD
PRDIV8
DIV
0x1821
FOPT
KEYEN
FNORED
0
0
0
0
SEC01
SEC00
0x1822
Reserved
—
—
—
—
—
—
—
—
0x1823
FCNFG
0
0
KEYACC
0
0
0
0
0
0x1824
FPROT
FPS
FPDIS
0x1825
FSTAT
FCBEF
FCCF
FPVIOL
FACCERR
0
FBLANK
0
0
0x1826
FCMD
FCMD
0x1827–
0x183F
Reserved
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0x1840
PTAPE
0
0
PTAPE5
PTAPE4
PTAPE3
PTAPE2
PTAPE1
PTAPE0
0x1841
PTASE
0
0
PTASE5
PTASE4
PTASE3
PTASE2
PTASE1
PTASE0
0x1842
PTADS
0
0
PTADS5
PTADS4
PTADS3
PTADS2
PTADS1
PTADS0
0x1843–
0x1847
Reserved
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com