Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 103 Page - NXP Semiconductors

Part # HCS08
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 103 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 99Page - NXP Semiconductors HCS08 Datasheet HTML 100Page - NXP Semiconductors HCS08 Datasheet HTML 101Page - NXP Semiconductors HCS08 Datasheet HTML 102Page - NXP Semiconductors HCS08 Datasheet HTML 103Page - NXP Semiconductors HCS08 Datasheet HTML 104Page - NXP Semiconductors HCS08 Datasheet HTML 105Page - NXP Semiconductors HCS08 Datasheet HTML 106Page - NXP Semiconductors HCS08 Datasheet HTML 107Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 198 page
background image
Analog-to-Digital Converter (S08ADC10V1)
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
103
8.3.5
Compare Value High Register (ADCCVH)
This register holds the upper two bits of the 10-bit compare value. These bits are compared to the upper
two bits of the result following a conversion in 10-bit mode when the compare function is enabled.In 8-bit
operation, ADCCVH is not used during compare.
8.3.6
Compare Value Low Register (ADCCVL)
This register holds the lower 8 bits of the 10-bit compare value, or all 8 bits of the 8-bit compare value.
Bits ADCV7:ADCV0 are compared to the lower 8 bits of the result following a conversion in either 10-bit
or 8-bit mode.
8.3.7
Configuration Register (ADCCFG)
ADCCFG is used to select the mode of operation, clock source, clock divide, and configure for low power
or long sample time.
7
6
5
432
1
0
R
ADR7
ADR6
ADR5
ADR4
ADR3
ADR2
ADR1
ADR0
W
Reset:
0
0
0
0
0
0
0
0
= Unimplemented or Reserved
Figure 8-7. Data Result Low Register (ADCRL)
76
54
3
2
10
R0
0
0
0
ADCV9
ADCV8
W
Reset:
00
00
0
0
00
= Unimplemented or Reserved
Figure 8-8. Compare Value High Register (ADCCVH)
7
6
5
432
1
0
R
ADCV7
ADCV6
ADCV5
ADCV4
ADCV3
ADCV2
ADCV1
ADCV0
W
Reset:
0
0
0
0
0
0
0
0
Figure 8-9. Compare Value Low Register(ADCCVL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com