Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 116 Page - NXP Semiconductors

Part # HCS08
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 116 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 112Page - NXP Semiconductors HCS08 Datasheet HTML 113Page - NXP Semiconductors HCS08 Datasheet HTML 114Page - NXP Semiconductors HCS08 Datasheet HTML 115Page - NXP Semiconductors HCS08 Datasheet HTML 116Page - NXP Semiconductors HCS08 Datasheet HTML 117Page - NXP Semiconductors HCS08 Datasheet HTML 118Page - NXP Semiconductors HCS08 Datasheet HTML 119Page - NXP Semiconductors HCS08 Datasheet HTML 120Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 198 page
background image
Analog-to-Digital Converter (S08ADC10V1)
MC9S08QD4 Series MCU Data Sheet, Rev. 6
116
Freescale Semiconductor
In cases where separate power supplies are used for analog and digital power, the ground connection
between these supplies must be at the VSSAD pin. This must be the only ground connection between these
supplies if possible. The VSSAD pin makes a good single point ground location.
8.6.1.2
Analog Reference Pins
In addition to the analog supplies, the ADC module has connections for two reference voltage inputs. The
high reference is VREFH, which may be shared on the same pin as VDDAD on some devices. The low
reference is VREFL, which may be shared on the same pin as VSSAD on some devices.
When available on a separate pin, VREFH may be connected to the same potential as VDDAD, or may be
driven by an external source that is between the minimum VDDAD spec and the VDDAD potential (VREFH
must never exceed VDDAD). When available on a separate pin, VREFL must be connected to the same
voltage potential as VSSAD. Both VREFH and VREFL must be routed carefully for maximum noise
immunity and bypass capacitors placed as near as possible to the package.
AC current in the form of current spikes required to supply charge to the capacitor array at each successive
approximation step is drawn through the VREFH and VREFL loop. The best external component to meet this
current demand is a 0.1
μF capacitor with good high frequency characteristics. This capacitor is connected
between VREFH and VREFL and must be placed as near as possible to the package pins. Resistance in the
path is not recommended because the current will cause a voltage drop which could result in conversion
errors. Inductance in this path must be minimum (parasitic only).
8.6.1.3
Analog Input Pins
The external analog inputs are typically shared with digital I/O pins on MCU devices. The pin I/O control
is disabled by setting the appropriate control bit in one of the pin control registers. Conversions can be
performed on inputs without the associated pin control register bit set. It is recommended that the pin
control register bit always be set when using a pin as an analog input. This avoids problems with contention
because the output buffer will be in its high impedance state and the pullup is disabled. Also, the input
buffer draws dc current when its input is not at either VDD or VSS. Setting the pin control register bits for
all pins used as analog inputs must be done to achieve lowest operating current.
Empirical data shows that capacitors on the analog inputs improve performance in the presence of noise
or when the source impedance is high. Use of 0.01
μF capacitors with good high-frequency characteristics
is sufficient. These capacitors are not necessary in all cases, but when used they must be placed as near as
possible to the package pins and be referenced to VSSA.
For proper conversion, the input voltage must fall between VREFH and VREFL. If the input is equal to or
exceeds VREFH, the converter circuit converts the signal to $3FF (full scale 10-bit representation) or $FF
(full scale 8-bit representation). If the input is equal to or less than VREFL, the converter circuit converts it
to $000. Input voltages between VREFH and VREFL are straight-line linear conversions. There will be a
brief current associated with VREFL when the sampling capacitor is charging. The input is sampled for
3.5 cycles of the ADCK source when ADLSMP is low, or 23.5 cycles when ADLSMP is high.
For minimal loss of accuracy due to current injection, pins adjacent to the analog input pins must not be
transitioning during conversions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com