Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 148 Page - NXP Semiconductors

Part # HCS08
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 148 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 144Page - NXP Semiconductors HCS08 Datasheet HTML 145Page - NXP Semiconductors HCS08 Datasheet HTML 146Page - NXP Semiconductors HCS08 Datasheet HTML 147Page - NXP Semiconductors HCS08 Datasheet HTML 148Page - NXP Semiconductors HCS08 Datasheet HTML 149Page - NXP Semiconductors HCS08 Datasheet HTML 150Page - NXP Semiconductors HCS08 Datasheet HTML 151Page - NXP Semiconductors HCS08 Datasheet HTML 152Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 198 page
background image
Timer/Pulse-Width Modulator (S08TPMV2)
MC9S08QD4 Series MCU Data Sheet, Rev. 6
148
Freescale Semiconductor
Freescale-provided equate or header file is used to translate these names into the appropriate absolute
addresses.
11.3.1
Timer Status and Control Register (TPMxSC)
TPMxSC contains the overflow status flag and control bits that are used to configure the interrupt enable,
TPM configuration, clock source, and prescale divisor. These controls relate to all channels within this
timer module.
76
54
321
0
RTOF
TOIE
CPWMS
CLKSB
CLKSA
PS2
PS1
PS0
W
Reset
000
00
000
= Unimplemented or Reserved
Figure 11-3. Timer Status and Control Register (TPMxSC)
Table 11-1. TPMxSC Register Field Descriptions
Field
Description
7
TOF
Timer Overflow Flag — This flag is set when the TPM counter changes to 0x0000 after reaching the modulo
value programmed in the TPM counter modulo registers. When the TPM is configured for CPWM, TOF is set after
the counter has reached the value in the modulo register, at the transition to the next lower count value. Clear
TOF by reading the TPM status and control register when TOF is set and then writing a 0 to TOF. If another TPM
overflow occurs before the clearing sequence is complete, the sequence is reset so TOF would remain set after
the clear sequence was completed for the earlier TOF. Reset clears TOF. Writing a 1 to TOF has no effect.
0 TPM counter has not reached modulo value or overflow
1 TPM counter has overflowed
6
TOIE
Timer Overflow Interrupt Enable — This read/write bit enables TPM overflow interrupts. If TOIE is set, an
interrupt is generated when TOF equals 1. Reset clears TOIE.
0 TOF interrupts inhibited (use software polling)
1 TOF interrupts enabled
5
CPWMS
Center-Aligned PWM Select — This read/write bit selects CPWM operating mode. Reset clears this bit so the
TPM operates in up-counting mode for input capture, output compare, and edge-aligned PWM functions. Setting
CPWMS reconfigures the TPM to operate in up-/down-counting mode for CPWM functions. Reset clears
CPWMS.
0 All TPMx channels operate as input capture, output compare, or edge-aligned PWM mode as selected by the
MSnB:MSnA control bits in each channel’s status and control register
1 All TPMx channels operate in center-aligned PWM mode
4:3
CLKS[B:A]
Clock Source Select — As shown in Table 11-2, this 2-bit field is used to disable the TPM system or select one
of three clock sources to drive the counter prescaler. The external source and the XCLK are synchronized to the
bus clock by an on-chip synchronization circuit.
2:0
PS[2:0]
Prescale Divisor Select — This 3-bit field selects one of eight divisors for the TPM clock input as shown in
Table 11-3. This prescaler is located after any clock source synchronization or clock source selection, so it affects
whatever clock source is selected to drive the TPM system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com