Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5554MZP112R2 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # MPC5554MZP112R2
Description  MPC5554 Microcontroller Data Sheet
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5554MZP112R2 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button MPC5554MZP112R2 Datasheet HTML 50Page - NXP Semiconductors MPC5554MZP112R2 Datasheet HTML 51Page - NXP Semiconductors MPC5554MZP112R2 Datasheet HTML 52Page - NXP Semiconductors MPC5554MZP112R2 Datasheet HTML 53Page - NXP Semiconductors MPC5554MZP112R2 Datasheet HTML 54Page - NXP Semiconductors MPC5554MZP112R2 Datasheet HTML 55Page - NXP Semiconductors MPC5554MZP112R2 Datasheet HTML 56Page - NXP Semiconductors MPC5554MZP112R2 Datasheet HTML 57Page - NXP Semiconductors MPC5554MZP112R2 Datasheet HTML 58Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 54 / 58 page
background image
MPC5554 Microcontroller Data Sheet, Rev. 4
Revision History for the MPC5554 Data Sheet
Freescale Semiconductor
54
5
Revision History for the MPC5554 Data Sheet
The history of revisions made to this data sheet are described in this section.
5.1
Changes between Revision 3 and Revision 4
5.2
Changes between Revision 2 and Revision 3
The substantive changes incorporated in MPC5554 Data Sheet Rev. 2.0 to produce Rev. 3.0 are listed in
Table 28. The changes are listed in sequential page number order.
Location
Description of Changes
Section 3.7, “Power-Up/Down
Sequencing”
Added the following paragraph in Section 3.7, “Power-Up/Down Sequencing”:
“During initial power ramp-up, when Vstby is 0.6v or above. a typical current of 1-3mA and
maximum of 4mA may be seen until VDD is applied. This current will not reoccur until Vstby is
lowered below Vstby min. specification”.
Moved Figure 2 (fISTBY Worst-case Specifications) “ISTBY Worst-case Specifications” to
Section 3.7, “Power-Up/Down Sequencing”.
Section 3.8, “DC Electrical
Specifications”
Removed the footnote “Figure 3 shows an illustration of the IDD_STBY values interpolated for
these temperature values”.
Changed the footnote attached to IDD_STBY” to “The current specification relates to average
standby operation after SRAM has been loaded with data. For power up current see
Section 3.7, “Power-Up/Down Sequencing”,Figure 2 (fISTBY Worst-case Specifications).”
In Table 9 (DC Electrical Specifications (TA = TL to TH)) the Characteristic “Refer to Figure 3 for
an interpolation of this data” changed to “RAM standby current”.
Table 28. Changes Between Rev. 2.0 and 3.0
Location
Description of Changes
Throughout:
Changed ‘TA = TL – TH’ to ‘TA = TL to TH.’
Title page:
Changed the Revision number from 2 to 3. Changed the date. Made the same change in the lower left corner of the
back page.
Section 1, “Overview”
• Fourth paragraph, First sentence: Deleted ‘of the MPC5500 family’; Second to last sentence: Deleted ‘can’.
• Fifth paragraph, First sentence: Replaced ‘MPC5500 family’ with ‘MPC5554’; Last sentence: Replaced ‘can be’
with ‘is’.
• Sixth paragraph, First sentence: Replaced ‘MPC5500 family’ with ‘MPC5554’;
• Second to last paragraph: Rewrote to read: The MCU has an on-chip enhanced queued dual analog-to-digital
converter (eQADC). The 416 package has 40-channels.
Section 3.2.1, “General Notes for Specifications at Maximum Junction Temperature
Updated the address of Semiconductor Equipment and Materials International
3081 Zanker Rd.
San Jose, CA., 95134
(408) 943-6900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com