Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL330 Datasheet(PDF) 4 Page - Supertex, Inc

Part # CL330
Description  3-Channel 30mA Linear LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL330 Datasheet(HTML) 4 Page - Supertex, Inc

  CL330 Datasheet HTML 1Page - Supertex, Inc CL330 Datasheet HTML 2Page - Supertex, Inc CL330 Datasheet HTML 3Page - Supertex, Inc CL330 Datasheet HTML 4Page - Supertex, Inc CL330 Datasheet HTML 5Page - Supertex, Inc CL330 Datasheet HTML 6Page - Supertex, Inc CL330 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
CL330
Pin Description
Load Regulation
0
5
10
15
20
40
60
80
100
scale change
0
0.20
0.40
0.60
0.80
1.00
1.20
VOUT (V)
Recommended PCB Layout
Underside plate soldered
to copper area
Exposed copper area
may be plated
1cm2 exposed copper
1cm2 exposed copper
Pin #
Name
Description
1,2,3
EN1, EN2,
EN3
Output enable, active low.
4
GND
Circuit common.
5,6,7
OUT1, OUT2,
OUT3
Constant current output (sinking). Connect the cathodes of the LEDs to these pins.
8
VIN
Supply voltage. 6.5V to 90V. Bypass locally with a 100nF capacitor to ground.
Underside
Plate
GND
The exposed underside plate is internally connected to the GND pin. The plate may either
be left floating or connected to ground. Solder the plate to an exposed copper area on the
PCB for heatsinking purposes (see recommended layout).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com