Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT1071DR Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ACT1071DR
Description  10-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ACT1071DR Datasheet(HTML) 1 Page - Texas Instruments

  SN74ACT1071DR Datasheet HTML 1Page - Texas Instruments SN74ACT1071DR Datasheet HTML 2Page - Texas Instruments SN74ACT1071DR Datasheet HTML 3Page - Texas Instruments SN74ACT1071DR Datasheet HTML 4Page - Texas Instruments SN74ACT1071DR Datasheet HTML 5Page - Texas Instruments SN74ACT1071DR Datasheet HTML 6Page - Texas Instruments SN74ACT1071DR Datasheet HTML 7Page - Texas Instruments SN74ACT1071DR Datasheet HTML 8Page - Texas Instruments SN74ACT1071DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN74ACT1071
10-BIT BUS-TERMINATION ARRAY
WITH BUS-HOLD FUNCTION
SCAS192 – D3994, MARCH 1992 – REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
© 1993, Texas Instruments Incorporated
4–1
• Designed to Ensure Defined Voltage Levels
on Floating Bus Lines in CMOS Systems
• Reduces Undershoot and Overshoot
Caused By Line Reflections
• Repetitive Peak Forward
Current ...IFRM = 100 mA
• Inputs Are TTL-Voltage Compatible
• Low Power Consumption (Like CMOS)
• ESD Protection Exceeds 2000 V Per
MIL-STD-883C, Method 3015; Exceeds
200 V Using Machine Model
(C = 200 pF, R = 0)
• Center-Pin V
CC and GND Configuration
Minimizes High-Speed Switching Noise
description
This device is designed to terminate bus lines in CMOS systems. The integrated low-impedance diodes clamp
the voltage of undershoots and overshoots caused by line reflections and ensure signal integrity. The device
also contains a bus-hold function that consists of a CMOS-buffer stage with a high-resistance feedback path
between its output and its input. The SN74ACT1071 prevents bus lines from floating without using pullup or
pulldown resistors.
The high-impedance inputs of these internal buffers are connected to the input terminals of the device. The
feedback path on each internal buffer stage keeps a bus line tied to the bus holder at the last valid logic state
generated by an active driver before the bus switches to the high-impedance state.
The SN74ACT1071 is characterized for operation from – 40
°C to 85°C.
logic diagram, one of ten channels (positive logic)
D1
TG
1
VCC
11
VCC
10
GND
3
GND
4
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D1
D2
GND
GND
D3
D4
D5
D10
D9
D8
VCC
VCC
D7
D6
D PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74ACT1071DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT1071DR TI1-SN74ACT1071DR Datasheet
488Kb / 11P
10-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
More results

Similar Description - SN74ACT1071DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT1071 TI-SN74ACT1071 Datasheet
58Kb / 5P
10-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN74ACT1073 TI-SN74ACT1073 Datasheet
228Kb / 9P
16-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN74F1056 TI-SN74F1056 Datasheet
75Kb / 5P
8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053 TI-SN74S1053 Datasheet
91Kb / 7P
16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74CBTH16211 TI-SN74CBTH16211 Datasheet
171Kb / 9P
24-BIT FET BUS SWITCH WITH BUS HOLD
SN74S1053NSR TI1-SN74S1053NSR Datasheet
993Kb / 18P
16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74F1056 TI1-SN74F1056_15 Datasheet
344Kb / 11P
8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74ACT1071 TI1-SN74ACT1071_14 Datasheet
488Kb / 11P
10-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN74ACT1073 TI1-SN74ACT1073_16 Datasheet
1Mb / 14P
16-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN74S1053 TI1-SN74S1053_V01 Datasheet
1Mb / 24P
16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
REVISED AUGUST 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com