Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT373MDWREP Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74ACT373MDWREP
Description  OCTAL D-TYPE TRANSPARENT LATCH WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ACT373MDWREP Datasheet(HTML) 3 Page - Texas Instruments

  SN74ACT373MDWREP Datasheet HTML 1Page - Texas Instruments SN74ACT373MDWREP Datasheet HTML 2Page - Texas Instruments SN74ACT373MDWREP Datasheet HTML 3Page - Texas Instruments SN74ACT373MDWREP Datasheet HTML 4Page - Texas Instruments SN74ACT373MDWREP Datasheet HTML 5Page - Texas Instruments SN74ACT373MDWREP Datasheet HTML 6Page - Texas Instruments SN74ACT373MDWREP Datasheet HTML 7Page - Texas Instruments SN74ACT373MDWREP Datasheet HTML 8Page - Texas Instruments SN74ACT373MDWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SN74ACT373EP
OCTAL DTYPE TRANSPARENT LATCH
WITH 3STATE OUTPUTS
SCAS726 − OCTOBER 2003
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
−24
mA
IOL
Low-level output current
24
mA
∆t/∆v
Input transition rise or fall rate
8
ns/V
TA
Operating free-air temperature
−55
125
°C
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
IOH = −50 A
4.5 V
4.4
4.49
4.4
VOH
IOH = −50 µA
5.5 V
5.4
5.49
5.4
V
VOH
IOH = −24 mA
4.5 V
3.86
3.7
V
IOH = −24 mA
5.5 V
4.86
4.7
IOL = 50 A
4.5 V
0.1
0.1
VOL
IOL = 50 µA
5.5 V
0.1
0.1
V
VOL
IOL = 24 mA
4.5 V
0.36
0.44
V
IOL = 24 mA
5.5 V
0.36
0.44
IOZ
VO = VCC or GND
5.5 V
±0.25
±5
µA
II
VI = VCC or GND
5.5 V
±0.1
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
4
80
µA
∆ICC†
One input at 3.4 V,
Other inputs at GND or VCC
5.5 V
0.6
1.5
mA
Ci
VI = VCC or GND
5 V
4.5
pF
† This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than 0 V or VCC.
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration, LE high
7
8.5
ns
tsu
Setup time, data before LE
↓
7
8.5
ns
th
Hold time, data after LE
↓
0
1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com