Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT8997 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74ACT8997
Description  SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP CONCATENATORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ACT8997 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74ACT8997 Datasheet HTML 4Page - Texas Instruments SN74ACT8997 Datasheet HTML 5Page - Texas Instruments SN74ACT8997 Datasheet HTML 6Page - Texas Instruments SN74ACT8997 Datasheet HTML 7Page - Texas Instruments SN74ACT8997 Datasheet HTML 8Page - Texas Instruments SN74ACT8997 Datasheet HTML 9Page - Texas Instruments SN74ACT8997 Datasheet HTML 10Page - Texas Instruments SN74ACT8997 Datasheet HTML 11Page - Texas Instruments SN74ACT8997 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
SN54ACT8997, SN74ACT8997
SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES
SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP CONCATENATORS
SCAS157D – APRIL 1990 – REVISED DECEMBER 1996
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 2. Instruction-Register Opcodes
BINARY CODE
BIT 7
→ BIT 0
MSB
→ LSB
HEX
VALUE
SCOPE OPCODE
DESCRIPTION
SELECTED DATA
REGISTER
MODE
00000000
00
EXTEST
Boundary scan
Boundary scan
Test
10000001
81
BYPASS†
Bypass scan
Bypass
Normal
10000010
82
SAMPLE/PRELOAD
Sample boundary
Boundary scan
Normal
00000011
03
INTEST
Boundary scan
Boundary scan
Test
10000100
84
BYPASS†
Bypass scan
Bypass
Normal
00000101
05
BYPASS†
Bypass scan
Bypass
Normal
00000110
06
BYPASS†
Bypass scan
Bypass
Normal
10000111
87
BYPASS†
Bypass scan
Bypass
Normal
10001000
88
COUNT
Count
Bypass
Normal
00001001
09
COUNT
Count
Bypass
Normal
00001010
0A
BYPASS†
Bypass scan
Bypass
Normal
10001011
8B
BYPASS†
Bypass scan
Bypass
Normal
00001100
0C
BYPASS†
Bypass scan
Bypass
Normal
10001101
8D
BYPASS
Bypass scan
Bypass
Normal
10001110
8E
SCANCN
Control register scan
Control
Normal
00001111
0F
SCANCN
Control register scan
Control
Normal
11111010
FA
SCANCNT
Counter scan
Counter
Normal
01111011
7B
READCNT
Counter read
Counter
Normal
11111100
FC
SCANIDB
ID bus register scan
ID bus
Normal
01111101
7D
READIDB
ID bus register read
ID bus
Normal
01111110
7E
SCANSEL
Select register scan
Select
Normal
All others
BYPASS
Bypass scan
Bypass
Normal
† A SCOPE opcode exists but is not supported by the ’ACT8997.
Table 3. IRERR Function Table
NO. OF INSTRUCTION
REGISTER BITS = 1
IRERR
0, 2, 4, 6, 8
1
1, 3, 5, 7
0
Table 4. Instruction-Register Status Word
IR BIT
VALUE†
7
IRERR (see Table 3)
6
0
5
0
4
0
3
DCI (1 = active, 0 = inactive)
2
0
1
0
0
1
† This value is loaded in the instruction
register during the Capture-IR TAP state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com