Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TORNOS Datasheet(PDF) 2 Page - Coherent Corp

Part # TORNOS
Description  Faraday Isolators – 405 nm to 980 nm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

TORNOS Datasheet(HTML) 2 Page - Coherent Corp

  TORNOS Datasheet HTML 1Page - Coherent Corp TORNOS Datasheet HTML 2Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TORNOS
© 2024 Coherent Corp.
Legal notices : coherent.com/legal
For more information
www.coherent.com
Specifications
Wavelength1
(nm)
Clear Aperture
(mm)
Dimensions
(mm)
Transmission2
(%)
Isolation2
(dB)
Max. Rated
Power Handling3
(W)
405
4
Ø14.0 x 40.5
≥92
≥33
5
461
4
Ø22.2 x 56.5
≥88
≥27
20
488
4
Ø38.0 x 74.8
≥88
≥28
5
532
2
Ø12.0 x 24.8
≥92
≥33
5
4
Ø14.0 x 40.5
≥92
≥33
5
633
2
Ø20.0 x 25.0
≥95
≥33
5
785
2
Ø20.0 x 25.0
≥95
≥33
5
4
Ø22.0 x 40.8
≥95
≥33
5
850
4
Ø22.0 x 51.4
≥95
≥33
5
980
4
Ø31.8 x 70.4
≥88
≥27
20
Notes:
1
Other wavelengths available upon request.
2
At operating wavelength and temperature (22°C).
3
Specified performance up to this power level.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com