Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8574ATS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA8574ATS
Description  Remote 8-bit I/O expander for I2C-bus with interrupt
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8574ATS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA8574ATS Datasheet HTML 3Page - NXP Semiconductors PCA8574ATS Datasheet HTML 4Page - NXP Semiconductors PCA8574ATS Datasheet HTML 5Page - NXP Semiconductors PCA8574ATS Datasheet HTML 6Page - NXP Semiconductors PCA8574ATS Datasheet HTML 7Page - NXP Semiconductors PCA8574ATS Datasheet HTML 8Page - NXP Semiconductors PCA8574ATS Datasheet HTML 9Page - NXP Semiconductors PCA8574ATS Datasheet HTML 10Page - NXP Semiconductors PCA8574ATS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
PCA8574_PCA8574A_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 14 May 2007
7 of 27
NXP Semiconductors
PCA8574/74A
Remote 8-bit I/O expander for I2C-bus with interrupt
8.
I/O programming
8.1 Quasi-bidirectional I/O architecture
The PCA8574/74A’s 8 ports (see Figure 2) are entirely independent and can be used
either as input or output ports. Input data is transferred from the ports to the
microcontroller in the Read mode (see Figure 9). Output data is transmitted to the ports in
the Write mode (see Figure 8).
This quasi-bidirectional I/O can be used as an input or output without the use of a control
signal for data directions. At power-on the I/Os are HIGH. In this mode only a current
source (IOH) to VDD is active. An additional strong pull-up to VDD (Itrt(pu)) allows fast rising
edges into heavily loaded outputs. These devices turn on when an output is written HIGH,
and are switched off by the negative edge of SCL. The I/Os should be HIGH before being
used as inputs. After power-on, as all the I/Os are set HIGH, all of them can be used as
inputs. Any change in setting of the I/Os as either inputs or outputs can be done with the
write mode.
Remark: If a HIGH is applied to an I/O which has been written earlier to LOW, a large
current (IOL) will flow to VSS.
8.2 Writing to the port (Output mode)
To write, the master (microcontroller) first addresses the slave device. By setting the last
bit of the byte containing the slave address to logic 0 the write mode is entered. The
PCA8574/74A acknowledges and the master sends the data byte for P7 to P0 and is
acknowledged by the PCA8574/74A. The 8-bit data is presented on the port lines after it
has been acknowledged by the PCA8574/74A.
The number of data bytes that can be sent successively is not limited. The previous data
is overwritten every time a data byte has been sent.
Table 5.
PCA8574A address map
A6
A5
A4
A3
A2
A1
A0
Address
011100038h
011100139h
01110103Ah
01110113Bh
01111003Ch
01111013Dh
01111103Eh
01111113Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com