Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB403PSN Datasheet(PDF) 2 Page - Europa PLC

Part # LB403PSN
Description  AC-21 Enclosed Switch Disconnectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROPA [Europa PLC]
Direct Link  https://www.europa-plc.com/
Logo EUROPA - Europa PLC

LB403PSN Datasheet(HTML) 2 Page - Europa PLC

  LB403PSN Datasheet HTML 1Page - Europa PLC LB403PSN Datasheet HTML 2Page - Europa PLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EDS1019-002
Page 2 of 2
Note:NeutralContactisEarly
Make/LateBreak
Europa House, Airport Way, Luton, Beds, LU2 9NH Tel: 01582 692 440 / Fax: 01582 692 450 e-mail: sales@europacomponents.com
website: http://www.europacomponents.com
Terminal
Configuration
Enclosure Base
Switch Assembly
Screw Driver
Cover Screw
Knob
Mounting
Cover
* Detail B
*
Use screwdriver to pull rail - slide to
remove switch from Enclosure base.
Switch
Rail Slide
Knockout (o 16mm)
2 Places
Mounting
Details
Suitable for M4 Screw
Knockout M20 (4 Places)
Procedure to dismantle the cover:
n Ensure the switch is in the
OFF position
n Unscrew the cover screws & remove the cover
n For easy wiring the switch can be removed from the base & then clicked back into place once wiring is complete
n After wiring ensure the profile orientation of the actuating spindle & knob shaft are in the same position
n Replace the cover & take care not to overtighten the screws (recommended tightening torque 0.5 Nm)
n Do not install using power driven screwdrivers
Please Note: There is no need to remove the switch handle in order to remove the cover.
LB_Box_Size_1.qxp_Layout1 19/09/2014 15:21 Page2
Technical Data:
LB20, 25, 32, 403PSN / LB32, 403P / LB20,
25, 32, 40
4P AC-21 Enclosed Switch Disconnectors
(Boxed Isolators)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com