Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBC800 Datasheet(PDF) 4 Page - Europa PLC

Part # LBC800
Description  Door Interlocked Changeover Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROPA [Europa PLC]
Direct Link  https://www.europa-plc.com/
Logo EUROPA - Europa PLC

LBC800 Datasheet(HTML) 4 Page - Europa PLC

  LBC800 Datasheet HTML 1Page - Europa PLC LBC800 Datasheet HTML 2Page - Europa PLC LBC800 Datasheet HTML 3Page - Europa PLC LBC800 Datasheet HTML 4Page - Europa PLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4 of 4
EDS1054-002
Technical Data:
Handles, Shafts and Extended Shafts for
Enclosed and Door Interlocked Changeover Switches
Product Prefix
Blue & White
Handle
Red & Yellow
Handle
Shaft Section
(mm)
L (mm)
P (mm)
S (mm)
D (mm)
Standard Handle and Shafts
LBC160/LBCD160
LBPHBW060
Not
Available
□7
177
163-250
94
60
LBC200/LBCD200
LBC250/LBCD250
LBC315/LBCD315
LBPHBW070
□10
227
166-293
143
69
LBC400/LBCD400
LBC630/LBCD630
LBPHBW080
□14
195
195-272
176
LBC800/LBCD800
LBC1000/LBCD1000
LBPHBW110
186
223-298
396
Extended Shafts
Product Prefix
Extended
Shaft Type 1
Shaft Section
(mm)
L (mm)
P (mm)
Extended
Shaft Type 2 L (mm)
P (mm)
LBCD160
LBES010
□7
250
163-323
LBES020
387
163-460
LBCD200
LBCD250
LBCD315
LBES030
□10
376
166-442
LBES040
536
166-602
LBCD400
LBCD630
LBES050
□14
345
195-422
LBES060
535
195-612
LBCD800
LBCD1000
223-457
223-647
Europa House, Airport Way, Luton, Beds, LU2 9NH Tel: 01582 692 440 / Fax: 01582 692 450
e-mail: sales@europacomponents.com /
website: http://www.europacomponents.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com