Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UVR2F2R2MPD Datasheet(PDF) 4 Page - Nichicon corporation

Part # UVR2F2R2MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UVR2F2R2MPD Datasheet(HTML) 4 Page - Nichicon corporation

  UVR2F2R2MPD Datasheet HTML 1Page - Nichicon corporation UVR2F2R2MPD Datasheet HTML 2Page - Nichicon corporation UVR2F2R2MPD Datasheet HTML 3Page - Nichicon corporation UVR2F2R2MPD Datasheet HTML 4Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
UVR
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Rated Ripple
(mArms)
(85℃/120Hz)
Part Number
at 20℃ after
1 minute
at 20℃ after
2 minutes
315
(2F)
2.2
8×11.5
0.20
109.3
-
33
 UVR2F2R2MPD
3.3
10×12.5
0.20
141.58
-
55
 UVR2F3R3MPD
4.7
10×12.5
0.20
159.22
-
65
 UVR2F4R7MPD
10
10×20
0.20
226
-
115
 UVR2F100MPD
22
12.5×20
0.20
377.2
-
190
 UVR2F220MHD
33
16×25
0.20
515.8
-
275
 UVR2F330MHD
47
16×25
0.20
692.2
-
340
 UVR2F470MHD
100
18×35.5
0.20
1360
-
560
 UVR2F101MHD
350
(2V)
2.2
8×11.5
0.25
117
-
38
 UVR2V2R2MPD
3.3
10×12.5
0.25
146.2
-
55
 UVR2V3R3MPD
4.7
10×12.5
0.25
165.8
-
65
 UVR2V4R7MPD
10
10×20
0.25
240
-
115
 UVR2V100MPD
22
12.5×25
0.25
408
-
200
 UVR2V220MHD
33
16×25
0.25
562
-
275
 UVR2V330MHD
47
16×35.5
0.25
758
-
380
 UVR2V470MHD
100
18×40
0.25
1500
-
590
 UVR2V101MHD
400
(2G)
1
8×11.5
0.25
80
-
25
 UVR2G010MPD
2.2
10×12.5
0.25
128
-
45
 UVR2G2R2MPD
3.3
10×12.5
0.25
152.8
-
55
 UVR2G3R3MPD
4.7
10×16
0.25
175.2
-
70
 UVR2G4R7MPD
10
12.5×20
0.25
260
-
130
 UVR2G100MHD
22
16×25
0.25
452
-
240
 UVR2G220MHD
33
16×30.5
0.25
628
-
300
 UVR2G330MHD
47
16×35.5
0.25
852
-
370
 UVR2G470MHD
450
(2W)
1
8×11.5
0.25
85
-
23
 UVR2W010MPD
2.2
10×12.5
0.25
139
-
35
 UVR2W2R2MPD
3.3
10×16
0.25
159.4
-
45
 UVR2W3R3MPD
4.7
10×20
0.25
184.6
-
55
 UVR2W4R7MPD
10
12.5×20
0.25
280
-
90
 UVR2W100MHD
22
16×25
0.25
496
-
165
 UVR2W220MHD
33
16×35.5
0.25
694
-
230
 UVR2W330MHD
47
18×40
0.25
946
-
300
 UVR2W470MHD
■
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.
For formed lead or taped product specifications and minimum order quantity,
please refer to the Guidelines for Aluminum Electrolytic Capacitors.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com