Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGA30S120P Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # FGA30S120P
Description  IGBT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FGA30S120P Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  FGA30S120P Datasheet HTML 1Page - Inchange Semiconductor Company Limited FGA30S120P Datasheet HTML 2Page - Inchange Semiconductor Company Limited FGA30S120P Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISG2220
eq FGA30S120P
IGBT
www.iscsemi.com
2
STATIC CHARACTERISTICS(TJ = 25 °C unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
VCES
Collector-Emitter
Breakdown
Voltage
VGE=0, IC= 1mA
1300
--
--
V
VGE(th)
Gate-Emitter Threshold Voltage
VGE= VCE, IC= 30mA
3.5
4.5
5.5
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 30A, VCE= 15V,
TC=25℃
--
1.75
2.3
V
IC= 50A, VCE= 15V,
TC=125℃
--
1.9
--
V
ICES
Zero Gate Voltage Collector Current
VCE= 1300V, VGE=0
--
--
1.0
mA
IGES
Gate-Emitter Leakage Current
VGE=±25V, VCE=0
--
--
±
500
nA
REVERSE DIODE (FRED)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
VF
Diode Forward Voltage
IF=30A,TJ=25℃
--
1.7
2.2
V
IF=30A,TJ=125℃
--
1.9
--
V
PACKAGE OUTLINE (UNIT: mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com